Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6222RM28Q7 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWT6222RM28Q7
Description  HELP3TM Tri-band US Cellular/Japan Cellular/IMT UMTS/WCDMA Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6222RM28Q7 Datasheet(HTML) 6 Page - ANADIGICS, Inc

  AWT6222RM28Q7 Datasheet HTML 1Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 2Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 3Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 4Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 5Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 6Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 7Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Data Sheet - Rev 2.1
11/2008
AWT6222
APPLICATION INFORMATION
To ensure proper performance, refer to all related
Application Notes on the ANADIGICS web site:
http://www.anadigics.com
Shutdown Mode
The power amplifier may be placed in a shutdown
mode by applying logic low levels (see Operating
Ranges table) to the VENABLE and VMODE1 pins.
Bias Modes
The power amplifier may be placed in either a Low Bias
mode or a High Bias mode by applying the appropriate
logic level (see Operating Ranges table) to VMODE1.
Table 6: Bias Control
The Bias Control table lists the recommended modes
of operation for various applications. VMODE2 is not
necessary for this PA.
Two operating modes are available to optimize current
consumption. High Bias/High Power operating mode
is for POUT levels > 16 dBm. At around 16 dBm output
power, the PAshould be “Mode Switched” to Low power
mode for lowest quiescent current consumption.
Figure 3: Application Circuit
Bias Control
RFIN_CELL
1
13
11
14
12
3
4
2
GND
5
6
10
9
Bias Control
GND
RFIN_IMT
GND at slug (pad)
GND
VMODE
VBATT
VEN_CELL
VEN_IMT
VCC
68 pF
68 pF
1000 pF
0.01 F
2.2 F
2.2 F
0.01 F
Note:
(1) Add blocking cap if DC voltage is present on input pin.
(2) 68 pF cap should be placed as close as possible to Pin 4.
(3) TRL should be short and of 50  characteristic impedance.
(4) TRL 5 should be as long as possible (minimum of 0.1  at 800 MHz) and capable of handling 750 mA current.
Optional 4.7 nH Inductor may be substituted.
8
7
GND
(1)
(1)
N/C
RFOUT_CELL
TRL5
TRL3
TRL1
TRL2
68 pF
RFOUT_IMT
TRL4
(3)
(3)
(3)
(3)
(4)
(2)
APPLICATION
POUT
LEVELS
BIAS
MODE
VENABLE
VMODE1
VCC
VBATT
UMTS - low power
< +16 dBm
Low
+2.4 V
+2.4 V
3.2 - 4.2 V
> 3.2 V
UMTS - high power
> +16 dBm
High
+2.4 V
0 V
3.2 - 4.2 V
> 3.2 V
OPTIONAL - low power
< +7 dBm
Low
+2.4 V
+2.4 V
1.5 - 3.2 V
> 3.2 V
Shutdown
-
Shutdown
0 V
0 V
3.2 - 4.2 V
> 3.2 V


Similar Part No. - AWT6222RM28Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R Datasheet
583Kb / 8P
   HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221RM28P9 ANADIGICS-AWT6221RM28P9 Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221RM28P9 ANADIGICS-AWT6221RM28P9 Datasheet
583Kb / 8P
   HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221RM28Q7 ANADIGICS-AWT6221RM28Q7 Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
More results

Similar Description - AWT6222RM28Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
   HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6224R ANADIGICS-AWT6224R Datasheet
378Kb / 8P
   HELP3TM Dual-band 900 MHz/IMT UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
   HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
   HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R_10 Datasheet
583Kb / 8P
   HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6241 ANADIGICS-AWT6241 Datasheet
2Mb / 12P
   HELP3TM UMTS/TD-SCDMA Linear Power Amplifier Module
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
   HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6252 ANADIGICS-AWT6252 Datasheet
152Kb / 8P
   IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
   HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com