Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6222RM28Q7 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT6222RM28Q7
Description  HELP3TM Tri-band US Cellular/Japan Cellular/IMT UMTS/WCDMA Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6222RM28Q7 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT6222RM28Q7 Datasheet HTML 1Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 2Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 3Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 4Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 5Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 6Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 7Page - ANADIGICS, Inc AWT6222RM28Q7 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Data Sheet - Rev 2.1
11/2008
AWT6222
Table 1: Pin Description
Figure 2: Pinout
VEN_IMT
RFOUT_IMT
RFIN_IMT
VMODE1
GND
1
GND
14
2
3
4
5
10
13
12
11 VCCA
GND
GND
6
9
VBATT
RFIN_CELL
VEN_CELL
RFOUT_CELL
VCC
7
8
VMODE2 (N/C)
GND
PIN
NAME
DESCRIPTION
1
VEN_CELL
Enable Voltage for Cell Bands
2
RFIN_CELL
RF Input for Cell Bands
3
VMODE1
Mode Control Voltage 1
4
VBATT
Battery Voltage
5
VMODE2 (N/C) No Connection
6
RFIN_IMT
RF Input for IMT Band
7
VEN_IMT
Enable Voltage for IMT Band
8
RFOUT_IMT
RF Output for IMT Band
9
GND
Ground
10
GND
Ground
11
VCCA
Supply Voltage A
12
VCC
Supply Voltage
13
RFOUT_CELL
RF Output for Cell Band
14
GND
Ground


Similar Part No. - AWT6222RM28Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R Datasheet
583Kb / 8P
   HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221RM28P9 ANADIGICS-AWT6221RM28P9 Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221RM28P9 ANADIGICS-AWT6221RM28P9 Datasheet
583Kb / 8P
   HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221RM28Q7 ANADIGICS-AWT6221RM28Q7 Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
More results

Similar Description - AWT6222RM28Q7

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
   HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6224R ANADIGICS-AWT6224R Datasheet
378Kb / 8P
   HELP3TM Dual-band 900 MHz/IMT UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
   HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
   HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R_10 Datasheet
583Kb / 8P
   HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6241 ANADIGICS-AWT6241 Datasheet
2Mb / 12P
   HELP3TM UMTS/TD-SCDMA Linear Power Amplifier Module
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
   HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6252 ANADIGICS-AWT6252 Datasheet
152Kb / 8P
   IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
   HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com