Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6243R Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6243R
Description  HELP3TM 1.7 GHz/UMTS 3.4 V/28.5 dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6243R Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6243R Datasheet HTML 1Page - ANADIGICS, Inc AWT6243R Datasheet HTML 2Page - ANADIGICS, Inc AWT6243R Datasheet HTML 3Page - ANADIGICS, Inc AWT6243R Datasheet HTML 4Page - ANADIGICS, Inc AWT6243R Datasheet HTML 5Page - ANADIGICS, Inc AWT6243R Datasheet HTML 6Page - ANADIGICS, Inc AWT6243R Datasheet HTML 7Page - ANADIGICS, Inc AWT6243R Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet - Rev 2.3
04/2009
AWT6243R
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VCC)
0
+5
V
Battery Voltage (VBATT)
0
+6
V
Control Voltages (VMODE1, VENABLE)
0
+3.5
V
RF Input Power (PIN)
-
+10
dBm
Storage Temperature (TSTG)
-40
+150
°C
Note:
(1) For operations at VCC = +3.2V, POUT is derated by 0.5 dB.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency (f)
1710
-
1785
MHz
Supply Voltage (VCC)
+3.2
+3.4
+4.2
V
POUT< +28.5 dBm
Enable Voltage (VENABLE)
+2.15
0
+2.4
-
+3.1
+0.5
V
PA "on"
PA "shut down"
Mode Control Voltage
(VMODE1)
+2.15
0
+2.4
-
+3.1
+0.5
V
Low Bias Mode
High Bias Mode
RF Output Power (POUT)
Rel99 WCDMA, HPM
HSPA (MPR = 0), HPM
Rel99 WCDMA, LPM
HSPA (MPR = 0), LPM
28.0(1)
27.0(1)
15.5(1)
14.5(1)
28.5
27.5
16
15
28.5
27.5
16
15
dBm 3GPP TS 34.121-1, Rel 7 Table
C.11.1.3
Case Temperature (TC)
-20
-
+90
C


Similar Part No. - AWT6243R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6241 ANADIGICS-AWT6241 Datasheet
2Mb / 12P
   HELP3TM UMTS/TD-SCDMA Linear Power Amplifier Module
AWT6241RM27P9 ANADIGICS-AWT6241RM27P9 Datasheet
2Mb / 12P
   HELP3TM UMTS/TD-SCDMA Linear Power Amplifier Module
AWT6241RM27Q7 ANADIGICS-AWT6241RM27Q7 Datasheet
2Mb / 12P
   HELP3TM UMTS/TD-SCDMA Linear Power Amplifier Module
AWT6244 ANADIGICS-AWT6244 Datasheet
2Mb / 11P
   HELP3 TD-SCDMA Linear Power Amplifier Module
AWT6244RM27P9 ANADIGICS-AWT6244RM27P9 Datasheet
2Mb / 11P
   HELP3 TD-SCDMA Linear Power Amplifier Module
More results

Similar Description - AWT6243R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
   HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
   HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWU6605 ANADIGICS-AWU6605 Datasheet
568Kb / 13P
   HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
   HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
   HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R_08 Datasheet
429Kb / 8P
   HELPTM IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R Datasheet
282Kb / 8P
   HELP IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
   HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
   HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
   HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com