Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6277R Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWT6277R
Description  HELPTM IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6277R Datasheet(HTML) 6 Page - ANADIGICS, Inc

  AWT6277R_08 Datasheet HTML 1Page - ANADIGICS, Inc AWT6277R_08 Datasheet HTML 2Page - ANADIGICS, Inc AWT6277R_08 Datasheet HTML 3Page - ANADIGICS, Inc AWT6277R_08 Datasheet HTML 4Page - ANADIGICS, Inc AWT6277R_08 Datasheet HTML 5Page - ANADIGICS, Inc AWT6277R_08 Datasheet HTML 6Page - ANADIGICS, Inc AWT6277R_08 Datasheet HTML 7Page - ANADIGICS, Inc AWT6277R_08 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Data Sheet - Rev 2.1
11/2008
AWT6277R
Figure 4: M20 Package Outline - 10 Pin 4 mm x 4 mm x 1 mm Surface Mount Module
PACKAGE OUTLINE
Figure 5: Branding Specification
77R
77R


Similar Part No. - AWT6277R_08

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6277RM20P8 ANADIGICS-AWT6277RM20P8 Datasheet
282Kb / 8P
   HELP IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
More results

Similar Description - AWT6277R_08

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6277R ANADIGICS-AWT6277R Datasheet
282Kb / 8P
   HELP IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
   HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
   HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6276 ANADIGICS-AWT6276 Datasheet
432Kb / 8P
   HELPTM PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
   HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
AWT6275 ANADIGICS-AWT6275 Datasheet
413Kb / 8P
   HELPTM IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
AWU6605 ANADIGICS-AWU6605 Datasheet
568Kb / 13P
   HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
   HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6618 ANADIGICS-AWU6618 Datasheet
872Kb / 10P
   HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
   HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com