Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9S08MP12E2VLF Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # S9S08MP12E2VLF
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08MP12E2VLF Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button S9S08MP12E2VLF Datasheet HTML 5Page - Freescale Semiconductor, Inc S9S08MP12E2VLF Datasheet HTML 6Page - Freescale Semiconductor, Inc S9S08MP12E2VLF Datasheet HTML 7Page - Freescale Semiconductor, Inc S9S08MP12E2VLF Datasheet HTML 8Page - Freescale Semiconductor, Inc S9S08MP12E2VLF Datasheet HTML 9Page - Freescale Semiconductor, Inc S9S08MP12E2VLF Datasheet HTML 10Page - Freescale Semiconductor, Inc S9S08MP12E2VLF Datasheet HTML 11Page - Freescale Semiconductor, Inc S9S08MP12E2VLF Datasheet HTML 12Page - Freescale Semiconductor, Inc S9S08MP12E2VLF Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Electrical Characteristics
MC9S08MP16 Series Data Sheet, Rev. 1
Freescale Semiconductor
9
2.2
Parameter Classification
The electrical parameters shown in this supplement are guaranteed by various methods. To give the customer a better
understanding the following classification is used and the parameters are tagged accordingly in the tables where appropriate:
NOTE
The classification is shown in the column labeled “C” in the parameter tables where
appropriate.
2.3
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the
limits specified in Table 3 may affect device reliability or cause permanent damage to the device. For functional operating
conditions, refer to the remaining tables in this section.
This device contains circuitry protecting against damage due to high static voltage or electrical fields; however, it is advised
that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages to this
high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (for
instance, either VSS or VDD) or the programmable pull-up resistor associated with the pin is enabled.
Table 2. Parameter Classifications
P
Those parameters that are guaranteed during production testing on each individual device.
C
Those parameters that are achieved by the design characterization by measuring a statistically relevant
sample size across process variations.
T
Those parameters that are achieved by design characterization on a small sample size from typical
devices under typical conditions unless otherwise noted. All values shown in the typical column are within
this category.
D
Those parameters that are derived mainly from simulations.
Table 3. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Supply voltage
VDD
–0.3 to +5.8
V
Maximum current into VDD
IDD
120
mA
Digital input voltage
VIn
–0.3 to VDD +0.3
V
Instantaneous maximum current
Single pin limit (applies to all port pins)1, 2, 3
1
Input must be current limited to the value specified. To determine the value of the required
current-limiting resistor, calculate resistance values for positive (VDD) and negative (VSS) clamp
voltages, then use the larger of the two resistance values.
2 All functional non-supply pins, except for PTF1/RESET are internally clamped to V
SS and VDD.
3 Power supply must maintain regulation within operating V
DD range during instantaneous and
operating maximum current conditions. If positive injection current (VIn > VDD) is greater than
IDD, the injection current may flow out of VDD and could result in external power supply going
out of regulation. Ensure external VDD load will shunt current greater than maximum injection
current. This will be the greatest risk when the MCU is not consuming power. Examples are: if
no system clock is present, or if the clock rate is very low (which would reduce overall power
consumption).
ID
± 25
mA
Storage temperature range
Tstg
–55 to 150
°C


Similar Part No. - S9S08MP12E2VLF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S9S08MP12E2VLF NXP-S9S08MP12E2VLF Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
More results

Similar Description - S9S08MP12E2VLF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com