Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9S08MP12E2MLF Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # S9S08MP12E2MLF
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08MP12E2MLF Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  S9S08MP12E2MLF Datasheet HTML 1Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 2Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 3Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 4Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 5Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 6Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 7Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 8Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
MC9S08MP16 Series Data Sheet, Rev. 1
Freescale Semiconductor
3
Figure 1. MC9S08MP16 Series Block Diagram
8-BIT KEYBOARD
INTERRUPT (KBI1)
IIC MODULE (IIC)
SERIAL PERIPHERAL
INTERFACE (SPI)
USER RAM
ON-CHIP ICE
DEBUG MODULE (DBG)
HCS08 CORE
CPU
BKGD
INT
BKP
6-CHANNEL FLEXTIMER
(FTM2)
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
COP
LVD
SERIAL COMMUNICATIONS
VOLTAGE
REGULATOR
USER FLASH
INTERFACE (SCI)
TxD
RxD
SS
SPSCK
SCL
SDA
MOSI
MISO
VSSA/VREFL
VDDA/VREFH
XTAL
EXTAL
KBI1P[7:0]
RESET
FTM1CH[1:0]
ANALOG-TO-DIGITAL
CONVERTER (ADC)
12-BIT
HIGH SPEED ANALOG
COMPARATOR (HSCMP1)
PGA–
PGA+
CYCLIC REDUNDANCY
CHECK (CRC)
TCLK
FTM1FAULT
FTM2CH[5:0]
TCLK
Notes: When PTF1 is configured as RESET, pin becomes bi-directional with output being open-drain drive containing an internal pull-up device.
When PTF0 is configured as BKGD, pin becomes bi-directional.
CMP1OUT
BKGD/MS
8-BIT MODULO TIMER
(MTIM)
TCLK
DIGITAL-TO-ANALOG
CONVERTER (DAC2)
VREFL
VREFH
ADP12–ADP0
PTA1/SCL/RxD
PTA3/SCL/FTM1CH1
PTA2/SDA/FTM1CH0
PTA0/SDA/TxD
PTA4/TCLK/SDA/SS
PTA5/SCL/MISO
PTA7/SPSCK
PTA6/MOSI
GAIN AMPLIFIER (PGA)
PROGRAMMABLE
8-BIT KEYBOARD
INTERRUPT (KBI2)
KBI2P[7:0]
PTB1/KBI1P1/ADP1/C2IN2
PTB3/KBI1P3/ADP3/C3IN2/PGA-
PTB2/KBI1P2/ADP2/C1IN2/PGA+
PTB0/KBI1P0/ADP0/CIN1
PTB4/KBI1P4/ADP4/C2IN3
PTB5/KBI1P5/CMP2OUT/ADP5/C2IN4
PTB7/KBI1P7/ADP7/C3IN4
PTB6/KBI1P6/CMP3OUT/ADP6/C3IN3
FTM2FAULT
PTC1/KBI2P1/FTM2CH1
PTC3/KBI2P3/FTM2CH3
PTC2/KBI2P2/FTM2CH2
PTC0/KBI2P0/FTM2CH0
PTC4/KBI2P4/FTM2CH4
PTC5/KBI2P5/FTM2CH5
PTC7/KBI2P7/TCLK
PTC6/KBI2P6/FTM2FAULT
PTD1/KBI3P1/SCL
PTD3/KBI3P3/FTM1FAULT
PTD2/KBI3P2/PDB1OUT
PTD0/KBI3P0/SDA
PTD4/KBI3P4/PDB2OUT
PTD5/KBI3P5/CMP1OUT
PTD7/KBI3P7/CMP3OUT
PTD6/KBI3P6/CMP2OUT
PTE1/ADP9
PTE3/ADP11/C1IN3
PTE2/ADP10
PTE0/ADP8
PTE4/ADP12/C1IN4
PTE5/XTAL
PTE6/EXTAL
PTF1/RESET
PTF2
PTF0/BKGD/MS
pins not available on 28-pin packages
8-BIT KEYBOARD
INTERRUPT (KBI3)
KBI3P[7:0]
CIN1
C1IN2
C1IN3
C1IN4
HIGH SPEED ANALOG
COMPARATOR (HSCMP2)
CMP2OUT
C2IN2
C2IN3
C2IN4
HIGH SPEED ANALOG
COMPARATOR (HSCMP3)
CMP3OUT
C3IN2
C3IN3
C3IN4
PROGRAMMABLE DELAY
BLOCK (PDB1)
PROGRAMMABLE DELAY
BLOCK (PDB2)
VDD2 pad is tied internally on 32-pin and 28-pin packages,
LOW-POWER OSCILLATOR
50.33 MHz INTERNAL CLOCK
SOURCE (ICS)
31.25 kHz to 38.4 kHz
1 MHz to 16 MHz
(XOSC)
REAL TIME
COUNTER (RTC)
VSS2 pad is tied internally on 28-pin packages
DIGITAL-TO-ANALOG
CONVERTER (DAC1)
DIGITAL-TO-ANALOG
CONVERTER (DAC3)
PDB1OUT
PDB2OUT
VDD1
VSS1
VDD2
VSS2
pins not available on 32-pin or 28-pin packages
(MC9S08MP16 = 16384 BYTES)
(MC9S08MP12 = 12288 BYTES)
(MC9S08MP16 = 1024 BYTES)
(MC9S08MP12 = 512 BYTES)
(Only on MC9S08MP16)
(Only on MC9S08MP16)
Interrupt Priority Controller
(IPC)
2-CHANNEL FLEXTIMER
(FTM1)


Similar Part No. - S9S08MP12E2MLF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S9S08MP12E2MLF NXP-S9S08MP12E2MLF Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
More results

Similar Description - S9S08MP12E2MLF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com