Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9S08MP12E2MLF Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # S9S08MP12E2MLF
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08MP12E2MLF Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button S9S08MP12E2MLF Datasheet HTML 7Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 8Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 9Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 10Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 11Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 12Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 13Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 14Page - Freescale Semiconductor, Inc S9S08MP12E2MLF Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Electrical Characteristics
MC9S08MP16 Series Data Sheet, Rev. 1
Freescale Semiconductor
11
where K is a constant pertaining to the particular part. K can be determined from equation 3 by measuring PD (at equilibrium)
for a known TA. Using this value of K, the values of PD and TJ can be obtained by solving Equation 1 and Equation 2 iteratively
for any value of TA.
2.5
ESD Protection and Latch-Up Immunity
Although damage from electrostatic discharge (ESD) is much less common on these devices than on early CMOS circuits,
normal handling precautions should be taken to avoid exposure to static discharge. Qualification tests are performed to ensure
that these devices can withstand exposure to reasonable levels of static without suffering any permanent damage.
All ESD testing is in conformity with AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits. During
the device qualification, ESD stresses were performed for the human body model (HBM) and the charge device model (CDM).
A device is defined as a failure if after exposure to ESD pulses the device no longer meets the device specification. Complete
DC parametric and functional testing is performed per the applicable device specification at room temperature followed by hot
temperature, unless instructed otherwise in the device specification.
2.6
DC Characteristics
This section includes information about power supply requirements and I/O pin characteristics.
Table 5. ESD and Latch-up Test Conditions
Model
Description
Symbol
Value
Unit
Human
Body
Series resistance
R1
1500
Ω
Storage capacitance
C
100
pF
Number of pulses per pin
3
Latch-up
Minimum input voltage limit
– 2.5
V
Maximum input voltage limit
7.5
V
Table 6. ESD and Latch-Up Protection Characteristics
No.
Rating1
1 Parameter is achieved by design characterization on a small sample size from typical devices
under typical conditions unless otherwise noted.
Symbol
Min
Max
Unit
1
Human body model (HBM)
VHBM
± 2000
V
2
Charge device model (CDM)
VCDM
± 500
V
3
Latch-up current at TA = 105°CILAT
± 100
mA
Table 7. DC Characteristics
Num C
Characteristic
Symbol
Condition
Min
Typ1
Max
Unit
1
— Operating Voltage
VDD
2.7
5.5
V
2
— Analog Supply voltage delta to VDD (VDD –VDDA)
(2)
ΔV
DDA
—0
±100
mV
3
— Analog Ground voltage delta to VSS (VSS –VSSA)
(2)
ΔV
SSA
—0
±100
mV


Similar Part No. - S9S08MP12E2MLF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S9S08MP12E2MLF NXP-S9S08MP12E2MLF Datasheet
918Kb / 36P
   MC9S08MP16 Series Data Sheet
Rev. 2, 08/2011
More results

Similar Description - S9S08MP12E2MLF

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com