Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08SG16E1MTLR Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S08SG16E1MTLR
Description  HCS08 Microcontrollers
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SG16E1MTLR Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08SG16E1MTLR Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08SG16E1MTLR Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08SG16E1MTLR Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08SG16E1MTLR Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08SG16E1MTLR Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08SG16E1MTLR Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08SG16E1MTLR Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08SG16E1MTLR Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08SG16E1MTLR Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 328 page
background image
8-Bit HCS08 Central Processor Unit (CPU)
• 40-MHz HCS08 CPU (central processor unit)
• 36-MHz HCS08 CPU for temperatures greater
than 125
°C
• HC08 instruction set with added BGND instruction
• Support for up to 32 interrupt/reset sources
On-Chip Memory
• FLASH read/program/erase over full operating
voltage and temperature from –40 up to 150
°C
• Random-access memory (RAM)
• Security circuitry to prevent unauthorized access
to RAM and FLASH contents
Power-Saving Modes
• Two very low power stop modes
• Reduced power wait mode
• Very low power real time counter for use in run,
wait, and stop
Clock Source Options
• Oscillator (XOSC) — Loop-control Pierce
oscillator; Crystal or ceramic resonator range of
31.25 kHz to 38.4 kHz or 1 MHz to 16 MHz
• Internal Clock Source (ICS) — Internal clock
source module containing a frequency-locked loop
(FLL) controlled by internal or external reference;
precision trimming of internal reference allows
0.2% resolution and:
• 1.5% deviation over temperature –40 to 125
°C
• 3% deviation for temperature > 125
°C
• ICS supports bus frequencies from 2 MHz to
20 MHz
System Protection
• Watchdog computer operating properly (COP)
reset with option to run from dedicated 1-kHz
internal clock source or bus clock
• Low-voltage detection with reset or interrupt;
selectable trip points
• Illegal opcode detection with reset
• Illegal address detection with reset
• FLASH block protect
Development Support
• Single-wire background debug interface
• Breakpoint capability to allow single breakpoint
setting during in-circuit debugging (plus two more
breakpoints in on-chip debug module)
• On-chip, in-circuit emulation (ICE) debug module
containing two comparators and 9 trigger modes.
Eight-deep FIFO for storing change-of-flow
address and event-only data. Debug module
supports both tag and force breakpoints
Peripherals
• ADC — 16-channel, 10-bit resolution, 2.5
μs
conversion time, automatic compare function,
temperature sensor, internal bandgap reference
channel; runs in stop3
• ACMP — Analog comparators with selectable
interrupt on rising, falling, or either edge of
comparator output; compare option to fixed
internal bandgap reference voltage; output can be
optionally routed to TPM module; runs in stop3
• SCI — Full duplex non-return to zero (NRZ); LIN
master extended break generation; LIN slave
extended break detection; wake up on active edge
• SPI — Full-duplex or single-wire bidirectional;
Double-buffered transmit and receive; Master or
Slave mode; MSB-first or LSB-first shifting
• IIC — Up to 100 kbps with maximum bus loading;
Multi-master operation; Programmable slave
address; Interrupt driven byte-by-byte data
transfer; supports broadcast mode and 10-bit
addressing
• MTIM — 8-bit modulo counter with 8-bit prescaler
and overflow interrupt
• TPMx — Two 2-channel timer pwm modules
(TPM1, TPM2); Selectable input capture, output
compare, or buffered edge- or center-aligned
PWM on each channel
• RTC — (Real-time counter) 8-bit modulus counter
with binary or decimal based prescaler; External
clock source for precise time base, time-of-day,
calendar or task scheduling functions; Free
running on-chip low power oscillator (1 kHz) for
cyclic wake-up without external components, runs
in all MCU modes
Input/Output
• 22 general purpose I/O pins (GPIOs)
• 8 interrupt pins with selectable polarity
• Ganged output option for PTB[5:2] and PTC[3:0];
allows single write to change state of multiple pins
• Hysteresis and configurable pull up device on all
input pins; Configurable slew rate and drive
strength on all output pins
Package Options
• 28-TSSOP, 20-TSSOP, 16-TSSOP (20-pin
package options not available on high-temperature
rated devices).
MC9S08SG32 Series Features


Similar Part No. - MC9S08SG16E1MTLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG4 FREESCALE-MC9S08SG4 Datasheet
1Mb / 310P
   Microcontrollers
MC9S08SG4 FREESCALE-MC9S08SG4 Datasheet
3Mb / 316P
   Microcontrollers
logo
NXP Semiconductors
MC9S08SG4 NXP-MC9S08SG4 Datasheet
4Mb / 316P
   Microcontrollers
Rev. 8 1/2014
logo
Freescale Semiconductor...
MC9S08SG8 FREESCALE-MC9S08SG8 Datasheet
1Mb / 310P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8 Datasheet
3Mb / 316P
   Microcontrollers
More results

Similar Description - MC9S08SG16E1MTLR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DV60 FREESCALE-MC9S08DV60 Datasheet
4Mb / 414P
   HCS08 Microcontrollers
MC9S08AC16 FREESCALE-MC9S08AC16_09 Datasheet
5Mb / 330P
   HCS08 Microcontrollers
logo
NXP Semiconductors
SC9S08MZ16 NXP-SC9S08MZ16 Datasheet
4Mb / 270P
   HCS08 Microcontrollers
Rev. 1, 9/2008
logo
Freescale Semiconductor...
MC9S08SH8CTG FREESCALE-MC9S08SH8CTG Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08AC16_0911 FREESCALE-MC9S08AC16_0911 Datasheet
5Mb / 336P
   HCS08 Microcontrollers
MC9S08GB60A FREESCALE-MC9S08GB60A Datasheet
6Mb / 302P
   HCS08 Microcontrollers
MC9S08QG8 FREESCALE-MC9S08QG8_09 Datasheet
5Mb / 314P
   HCS08 Microcontrollers
logo
NXP Semiconductors
MC9S08JM60 NXP-MC9S08JM60 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
logo
Freescale Semiconductor...
MC9S08JM60 FREESCALE-MC9S08JM60_09 Datasheet
4Mb / 388P
   HCS08 Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_10 Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com