Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-B3141-TBS18C Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-B3141-TBS18C
Description  Chip material:GAASP/GAP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-B3141-TBS18C Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-B3141-TBS18C Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-B3141-TBS18C Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-B3141-TBS18C Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B3
31
14
41
1--T
TB
BS
S1
18
8C
C
Ver.1.0 Page: 1 of 3
SINCE 1981
3.00(.118)
2.54(.100)
NOM.
5.30(.209)
1.00(.039) MIN.
0.5(.02)
SQ.TYP.
1.5(.059)
MAX.
0.81(.032)
25.4(1.00) MIN.
Flat Denotes Cathode
3.80(.150)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions:
1. Chip material: GaAsP/GaP
2. Emitted color : Yellow
3. Lens Appearance : Yellow Diffused
4. Low power consumption.
5. High efficiency.
6. Versatile mounting on P.C. Board or panel.
7. Low current requirement.
8. 3mm diameter package
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40~80
Storage Temperature
Tstg
-40~85
Soldering Temperature
Tsol
260(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-B3141-TBS18C

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B3141-AA-AV BRIGHT-BL-B3141-AA-AV Datasheet
273Kb / 6P
   LED LAMPS
BL-B3141-FA8-TBF26C BRIGHT-BL-B3141-FA8-TBF26C Datasheet
135Kb / 3P
   Chip material:gaasp/gap
logo
Yellow Stone Corp
BL-B3141-L YSTONE-BL-B3141-L Datasheet
183Kb / 2P
   LOW-CURRENT LED LAMPS (ROUND TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-B3141-L BRIGHT-BL-B3141-L Datasheet
136Kb / 2P
   LED GaP/GaP YELLOW Low current requirement.
BL-B3141-L BRIGHT-BL-B3141-L Datasheet
311Kb / 5P
   T-1 STANDARD 1.0" LEAD 3?
More results

Similar Description - BL-B3141-TBS18C

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B3241-AT BRIGHT-BL-B3241-AT Datasheet
150Kb / 3P
   Chip material:gaasp/gap
BL-B3141-FA8-TBF26C BRIGHT-BL-B3141-FA8-TBF26C Datasheet
135Kb / 3P
   Chip material:gaasp/gap
BL-B2139 BRIGHT-BL-B2139 Datasheet
137Kb / 2P
   Chip material: Gap/GaP
BL-B5141-FA8.5-TBF26C BRIGHT-BL-B5141-FA8.5-TBF26C Datasheet
165Kb / 3P
   Chip material: gap/gap
BL-B5234N BRIGHT-BL-B5234N Datasheet
139Kb / 2P
   Chip material: GaP/GaP
BL-B2134-AV BRIGHT-BL-B2134-AV Datasheet
144Kb / 3P
   Chip material: GaP/GaP
BL-B2141-FP6.5-TBF25C BRIGHT-BL-B2141-FP6.5-TBF25C Datasheet
164Kb / 3P
   Chip material: gap/gap
BL-B2141-TBS18C BRIGHT-BL-B2141-TBS18C Datasheet
152Kb / 3P
   Chip material: GaP/GaP
BL-B5141-TBS18C BRIGHT-BL-B5141-TBS18C Datasheet
152Kb / 3P
   Chip material: GaP/GaP
BL-B21A4 BRIGHT-BL-B21A4 Datasheet
137Kb / 2P
   Chip material: GaP/GaP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com