Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAU1381BCBZ-RL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADAU1381BCBZ-RL7
Description  Low Noise Stereo Codec with Enhanced Recording and Playback Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1381BCBZ-RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADAU1381BCBZ-RL7 Datasheet HTML 4Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 5Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 6Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 7Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 8Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 9Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 10Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 11Page - Analog Devices ADAU1381BCBZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
ADAU1381
Rev. 0 | Page 8 of 84
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Total Harmonic Distortion + Noise
8 Ω, 1 nF load, AVDD = 1.8 V, PO = 50 mW
−60
dB
AVDD = 3.3 V, PO = 175 mW
−60
dB
Dynamic Range
−60 dB input
With A-Weighted Filter (RMS)
AVDD = 1.8 V
97
dB
AVDD = 3.3 V
103
dB
No Filter (RMS)
AVDD = 1.8 V
94
dB
AVDD = 3.3 V
100
dB
Signal-to-Noise Ratio
With A-Weighted Filter (RMS)
AVDD = 1.8 V
98
dB
AVDD = 3.3 V
103
dB
No Filter (RMS)
AVDD = 1.8 V
96
dB
AVDD = 3.3 V
101
dB
Power Supply Rejection Ratio
CM capacitor = 10 μF
100 mV p-p at 217 Hz
−57
dB
100 mV p-p at 1 kHz
−60
dB
Differential Offset Error
2
mV
Mono Mixer Mute Attenuation,
Beep to Mixer Path Muted
Mute set by Register 0x401F, Bit 0
−90
dB
REFERENCE (CM PIN)
Common-Mode Reference Output
AVDD/2
V
POWER SUPPLY SPECIFICATIONS
AVDD1 and AVDD2 must always be equal. Power supply measurements are taken with the sound engine processing path enabled.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
AVDD1, AVDD2
1.8
3.3
3.65
V
IOVDD
1.63
3.3
3.65
V
Digital I/O Current (IOVDD = 3.3 V)
20 pF capacitive load on all digital pins
Slave Mode, Analog I/O,
12.288 MHz External MCLK Input
fS = 48 kHz
0.20
mA
fS = 96 kHz
0.35
mA
fS = 8 kHz
0.04
mA
Master Mode, MCKO Disabled
fS = 48 kHz
1.25
mA
fS = 96 kHz
2.50
mA
fS = 8 kHz
0.22
mA
Digital I/O Current (IOVDD = 1.8 V)
20 pF capacitive load on all digital pins
Slave Mode, Analog I/O,
12.288 MHz External MCLK Input
fS = 48 kHz
0.10
mA
fS = 96 kHz
0.18
mA
fS = 8 kHz
0.02
mA
Master Mode, MCKO Disabled
fS = 48 kHz
0.68
mA
fS = 96 kHz
1.33
mA
fS = 8 kHz
0.12
mA
Analog Current (AVDD)
See Table 4


Similar Part No. - ADAU1381BCBZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
More results

Similar Description - ADAU1381BCBZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
ADAU1781 AD-ADAU1781 Datasheet
944Kb / 88P
   Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
logo
Sanyo Semicon Device
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
   Compact Cassette Stereo Recording and Playback System
logo
Panasonic Semiconductor
AN3266FAP PANASONIC-AN3266FAP Datasheet
80Kb / 8P
   Video luminance signal recording/playback processing IC
logo
Analog Devices
ADAU1781 AD-ADAU1781_17 Datasheet
963Kb / 93P
   Low Noise Stereo Codec
logo
Panasonic Semiconductor
AN6210 PANASONIC-AN6210 Datasheet
511Kb / 6P
   DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sony Corporation
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
   Recording and Playback LSI with Built-in FIFO
logo
Texas Instruments
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com