Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1414BRUZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG1414BRUZ-REEL7
Description  9.5RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1414BRUZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG1414BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1414BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADG1414
Rev. 0 | Page 7 of 20
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or VL
1
μA max
IL Inactive
0.3
μA typ
Digital inputs = 0 V or VL
1
μA max
IL Active @ 30 MHz
0.26
mA typ
Digital inputs toggle between 0 V and VL
0.3
0.35
mA max
IL Active @ 50 MHz
0.42
mA typ
Digital inputs toggle between 0 V and VL
0.5
0.55
mA max
ISS
0.001
μA typ
Digital inputs = 0 V or VL
1
μA max
VDD/VSS
±4.5/±16.5
V min/max
1 Guaranteed by design, not subject to production test.
CONTINUOUS CURRENT PER CHANNEL
Table 4. Eight Channels On
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT PER CHANNEL1
15 V Dual Supply
VDD = +13.5 V, VSS = −13.5 V
24-Lead TSSOP (θJA = 112.6°C/W)
67
46
31
mA max
24-Lead LFCSP (θJA = 30.4°C/W)
121
75
42
mA max
12 V Single Supply
VDD = 10.8 V, VSS = 0 V
24-Lead TSSOP (θJA = 112.6°C/W)
64
44
30
mA max
24-Lead LFCSP (θJA = 30.4°C/W)
115
72
41
mA max
5 V Dual Supply
VDD = +4.5 V, VSS = −4.5 V
24-Lead TSSOP (θJA = 112.6°C/W)
48
35
22
mA max
24-Lead LFCSP (θJA = 30.4°C/W)
86
57
36
mA max
1 Guaranteed by design, not subject to production test.
Table 5. One Channel On
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT PER CHANNEL1
15 V Dual Supply
VDD = +13.5 V, VSS = −13.5 V
24-Lead TSSOP (θJA = 112.6°C/W)
169
97
48
mA max
24-Lead LFCSP (θJA = 30.4°C/W)
295
139
55
mA max
12 V Single Supply
VDD = 10.8 V, VSS = 0 V
24-Lead TSSOP (θJA = 112.6°C/W)
161
93
47
mA max
24-Lead LFCSP (θJA = 30.4°C/W)
281
135
54
mA max
5 V Dual Supply
VDD = +4.5 V, VSS = −4.5 V
24-Lead TSSOP (θJA = 112.6°C/W)
122
76
43
mA max
24-Lead LFCSP (θJA = 30.4°C/W)
214
114
51
mA max
1 Guaranteed by design, not subject to production test.


Similar Part No. - ADG1414BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-500RL7 AD-ADG1411YCPZ-500RL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YCPZ-REEL7 AD-ADG1411YCPZ-REEL7 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ AD-ADG1411YRUZ Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1411YRUZ-REEL AD-ADG1411YRUZ-REEL Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
More results

Similar Description - ADG1414BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
   SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com