Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC4DCM Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC4DCM
Description  TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC4DCM Datasheet(HTML) 2 Page - Motorola, Inc

  MAC4DCM Datasheet HTML 1Page - Motorola, Inc MAC4DCM Datasheet HTML 2Page - Motorola, Inc MAC4DCM Datasheet HTML 3Page - Motorola, Inc MAC4DCM Datasheet HTML 4Page - Motorola, Inc MAC4DCM Datasheet HTML 5Page - Motorola, Inc MAC4DCM Datasheet HTML 6Page - Motorola, Inc MAC4DCM Datasheet HTML 7Page - Motorola, Inc MAC4DCM Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAC4DCM MAC4DCN
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Peak Repetitive Blocking Current
(VD = Rated VDRM, Gate Open)
TJ = 25°C
TJ = 125°C
IDRM
0.01
2.0
mA
Peak On–State Voltage (1)
(ITM = ± 6.0 A)
VTM
1.3
1.6
Volts
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
IGT
8.0
8.0
8.0
12
18
22
35
35
35
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(+), G(+); MT2(+), G(–); MT2(–), G(–)
TJ = 125°C
VGT
0.5
0.5
0.5
0.2
0.8
0.8
0.8
0.4
1.3
1.3
1.3
Volts
Holding Current
(VD = 12 V, Gate Open, IT = ± 200 mA)
IH
6.0
22
35
mA
Latching Current (VD = 12 V, IG = 35 mA)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
IL
30
50
20
60
80
60
mA
DYNAMIC CHARACTERISTICS
Characteristics
Symbol
Min
Typ
Max
Unit
Rate of Change of Commutating Current (1)
(VD = 400 V, ITM = 4.0 A, Commutating dv/dt = 18 V/msec, Gate Open,
TJ = 125°C, f = 250 Hz, CL = 5.0 mF, LL = 20 mH, No Snubber)
See Figure 15
di/dt(c)
6.0
8.4
A/ms
Critical Rate of Rise of Off–State Voltage
(VD = 0.67 X Rated VDRM, Exponential Waveform,
Gate Open, TJ = 125°C)
dv/dt
500
1700
V/
ms
(1) Pulse test: Pulse Width
≤ 2.0 msec, Duty Cycle ≤ 2%.


Similar Part No. - MAC4DCM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DCM ONSEMI-MAC4DCM Datasheet
120Kb / 8P
   Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 4
MAC4DCM ONSEMI-MAC4DCM Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
logo
Kersemi Electronic Co.,...
MAC4DCM KERSEMI-MAC4DCM Datasheet
464Kb / 8P
   Silicon Bidirectional Thyristors
logo
HAOPIN MICROELECTRONICS...
MAC4DCM HAOPIN-MAC4DCM Datasheet
495Kb / 6P
   Blocking voltage to 600 V
logo
ON Semiconductor
MAC4DCM-001 ONSEMI-MAC4DCM-001 Datasheet
120Kb / 8P
   Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 4
More results

Similar Description - MAC4DCM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC4DHM MOTOROLA-MAC4DHM Datasheet
131Kb / 6P
   TRIACS 4.0 AMPERES RMS 600 VOLTS
MAC15SD MOTOROLA-MAC15SD Datasheet
690Kb / 8P
   TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
MAC16D MOTOROLA-MAC16D Datasheet
133Kb / 4P
   TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC8SD MOTOROLA-MAC8SD Datasheet
753Kb / 8P
   TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC9D MOTOROLA-MAC9D Datasheet
78Kb / 4P
   TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
MAC8D MOTOROLA-MAC8D Datasheet
79Kb / 4P
   TRIACS 8 AMPERES RMS 400 thru 800 VOLTS
MAC12D MOTOROLA-MAC12D Datasheet
41Kb / 2P
   TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
   TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC210-4 MOTOROLA-MAC210-4 Datasheet
66Kb / 4P
   TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com