Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-B6174 Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-B6174
Description  Chip material: AlGaAs/GaAs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-B6174 Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-B6174 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-B6174 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B6
61
17
74
4
Ver.1.0 Page: 2 of 2
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
-
1.8
2.6
V
Luminous Intensity
Iv
IF=20mA
-
120
-
mcd
Reverse Current
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=20mA
-
660
-
nm
Dominant Wave Length
λ
d
IF=20mA
-
643
-
nm
Spectral Line Half-width
∆λ
IF=20mA
-
20
-
nm
Viewing Angle
1/2
IF=20mA
-
40
-
deg
Typical electro-optical characteristics curves
Fig.6 Radiation diagram
Fig.3 Forward current vs. Forward voltage
Fig.4 Relative luminous intensity
1.5
0
0.5
1.0
Forward current (mA)
20
10
30
40
50
Fig.5 Relative luminous intensity
2.0
0
20
10
30
40
50
vs. Forward current
2
Forward voltage(V)
13
5
4
Ambient temperature Ta( )
vs. Ambient temperature
0.5
-40
0
-20
20
0
2.0
1.0
1.5
2.5
3.0
60
40
Fig.1 Relative intensity vs. Wavelength
610
0
0.5
1.0
Wavelength λ(nm)
660
710
Ambient temperature Ta( )
vs. Ambient temperature
Fig.2 Forward current derating curve
0
20
10
10
30
20
40
60
40
50
60
100
80
0.3
0.5
0.7
0.8
0.9
1.0
70
0.4
0.1
0.2
0.6
80
90
60
50
40
30
010
20


Similar Part No. - BL-B6174

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B6130A YSTONE-BL-B6130A Datasheet
203Kb / 2P
   BIGGER SIZE LED LAMPS (ROUND TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-B6130A BRIGHT-BL-B6130A Datasheet
226Kb / 4P
   LED LAMPS SPECIFICATION
BL-B6134 BRIGHT-BL-B6134 Datasheet
288Kb / 5P
   LED LAMPS
logo
Yellow Stone Corp
BL-B6139 YSTONE-BL-B6139 Datasheet
203Kb / 2P
   BIGGER SIZE LED LAMPS (ROUND TYPES)
BL-B6139B YSTONE-BL-B6139B Datasheet
203Kb / 2P
   BIGGER SIZE LED LAMPS (ROUND TYPES)
More results

Similar Description - BL-B6174

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BD1X0209 BRIGHT-BL-BD1X0209 Datasheet
122Kb / 2P
   Chip material: AlGaAs/GaAs
BL-BF331 BRIGHT-BL-BF331 Datasheet
154Kb / 3P
   Chip material: AlGaAs/ AlGaAs
BL-BUBGE301 BRIGHT-BL-BUBGE301 Datasheet
124Kb / 2P
   Chip material: AlGaInP/GaAs
BL-BD131-AV BRIGHT-BL-BD131-AV Datasheet
147Kb / 2P
   Chip material: GaAlAs/ GaAs
BL-BK331-AA-AV BRIGHT-BL-BK331-AA-AV Datasheet
170Kb / 3P
   Chip material: AlGaInp/ GaAs
logo
Clairex Technologies, I...
CLE135 CLAIREX-CLE135 Datasheet
140Kb / 2P
   940nm High Efficiency GaAs/AlGaAs IREDs
logo
Unity Opto Technology
MIE-384A4 UOT-MIE-384A4 Datasheet
30Kb / 2P
   AlGaAs/GaAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-134A1 UOT-MIE-134A1 Datasheet
38Kb / 2P
   AlGaAs/GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
logo
Stanford Microdevices
SHF-0186 STANFORD-SHF-0186 Datasheet
159Kb / 4P
   DC-12 GHz, 0.5 Watt AlGaAs/GaAs HFET
logo
List of Unclassifed Man...
SHF-0186K ETC-SHF-0186K Datasheet
159Kb / 4P
   DC-3 GHz, 0.5 Watt AlGaAs/GaAs HFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com