Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1438BRUZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADG1438BRUZ
Description  Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1438BRUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG1438BRUZ Datasheet HTML 2Page - Analog Devices ADG1438BRUZ Datasheet HTML 3Page - Analog Devices ADG1438BRUZ Datasheet HTML 4Page - Analog Devices ADG1438BRUZ Datasheet HTML 5Page - Analog Devices ADG1438BRUZ Datasheet HTML 6Page - Analog Devices ADG1438BRUZ Datasheet HTML 7Page - Analog Devices ADG1438BRUZ Datasheet HTML 8Page - Analog Devices ADG1438BRUZ Datasheet HTML 9Page - Analog Devices ADG1438BRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADG1438/ADG1439
Rev. 0 | Page 6 of 20
Parameter
+25°C
−40°C to
+85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Insertion Loss
1.3
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 35.
CS (Off )
14
pF typ
f = 1 MHz.
CD (Off )
ADG1438
86
pF typ
f = 1 MHz.
ADG1439
42
pF typ
f = 1 MHz.
CD, CS (On)
ADG1438
295
pF typ
f = 1 MHz.
ADG1439
145
pF typ
f = 1 MHz.
POWER REQUIREMENTS
VDD = 13.2 V.
IDD
0.001
μA typ
Digital inputs = 0 V or VL.
1
μA max
IL Inactive
0.3
μA typ
Digital inputs = 0 V or VL.
1
μA max
IL Active – 30 MHz
0.26
mA typ
Digital inputs toggle between
0 V and VL.
0.3
0.35
mA max
IL Active – 50 MHz
0.42
mA typ
Digital inputs toggle between
0 V and VL.
0.5
0.55
mA max
ISS
0.001
μA typ
Digital inputs = 0 V or VL.
1
μA max
VDD
5/16.5
V min/Vmax
1 Guaranteed by design, not subject to production test.


Similar Part No. - ADG1438BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL AD-ADG1433YCPZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL7 AD-ADG1433YCPZ-REEL7 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ AD-ADG1433YRUZ Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ-REEL AD-ADG1433YRUZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
More results

Similar Description - ADG1438BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com