Electronic Components Datasheet Search |
|
ADG1423BRMZ Datasheet(PDF) 1 Page - Analog Devices |
|
ADG1423BRMZ Datasheet(HTML) 1 Page - Analog Devices |
1 / 16 page 2.1 Ω On Resistance, ±15 V/+12 V/±5 V iCMOS Dual SPST Switches ADG1421/ADG1422/ADG1423 Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2009 Analog Devices, Inc. All rights reserved. FEATURES 2.1 Ω on resistance 0.5 Ω maximum on resistance flatness Up to 250 mA continuous current Fully specified at +12 V, ±15 V, ±5 V No VL supply required 3 V logic-compatible inputs Rail-to-rail operation 10-lead MSOP and 10-lead, 3 mm × 3 mm LFCSP packages APPLICATIONS Automatic test equipment Data acquisition systems Relay replacements Battery-powered systems Sample-and-hold systems Audio signal routing Video signal routing Communication systems GENERAL DESCRIPTION The ADG1421/ADG1422/ADG1423 contain two independent single-pole/single-throw (SPST) switches. The ADG1421 and ADG1422 differ only in that the digital control logic is inverted. The ADG1421 switches are turned on with Logic 1 on the appropriate control input, and Logic 0 is required for the ADG1422. The ADG1423 has one switch with digital control logic similar to that of the ADG1421; the logic is inverted on the other switch. The ADG1423 exhibits break-before-make switching action for use in multiplexer applications. Each switch conducts equally well in both directions when on and has an input signal range that extends to the supplies. In the off condition, signal levels up to the supplies are blocked. The iCMOS® (industrial CMOS) modular manufacturing process combines high voltage, complementary metal-oxide semiconductor (CMOS) and bipolar technologies. It enables the development of a wide range of high performance analog ICs capable of 33 V operation in a footprint that no other generation of high voltage parts has achieved. Unlike analog ICs using conventional CMOS processes, iCMOS components can tolerate high supply voltages while providing increased performance, dramatically lower power consumption, and reduced package size. FUNCTIONAL BLOCK DIAGRAM ADG1421 IN1 IN2 D2 S2 S1 D1 SWITCHES SHOWN FOR A LOGIC 0 INPUT Figure 1. ADG1421 Functional Block Diagram ADG1422 IN1 IN2 D2 S2 S1 D1 SWITCHES SHOWN FOR A LOGIC 0 INPUT Figure 2. ADG1422 Functional Block Diagram IN1 S1 D1 ADG1423 IN2 D2 S2 SWITCHES SHOWN FOR A LOGIC 0 INPUT Figure 3. ADG1423 Functional Block Diagram The on resistance profile is very flat over the full analog input range ensuring excellent linearity and low distortion when switching audio signals. The iCMOS construction ensures ultralow power dissipation, making the part ideally suited for portable and battery-powered instruments. PRODUCT HIGHLIGHTS 1. 2.4 Ω maximum on resistance at 25°C. 2. Minimum distortion. 3. 3 V logic-compatible digital inputs: VINH = 2.0 V, VINL = 0.8 V. 4. No VL logic power supply required. 5. 10-lead MSOP and 10-lead, 3 mm × 3 mm LFCSP packages. |
Similar Part No. - ADG1423BRMZ |
|
Similar Description - ADG1423BRMZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |