Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1423BCPZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG1423BCPZ-REEL7
Description  2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1423BCPZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG1423BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG1423BCPZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG1421/ADG1422/ADG1423
Rev. 0 | Page 8 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
S2
S1
3
NC
4
GND
5
VDD
10 D1
9D2
8VSS
7IN1
6IN2
NOTES
1. EXPOSED PAD TIED TO SUBSTRATE, VSS.
2. NC = NO CONNECT
TOP VIEW
(Not to Scale)
ADG1421/
ADG1422/
ADG1423
Figure 4. 10-Lead LFCSP Pin Configuration
NC = NO CONNECT
S1
1
S2
2
NC
3
GND
4
VDD 5
D1
10
D2
9
VSS
8
IN1
7
IN2
6
TOP VIEW
(Not to Scale)
ADG1421/
ADG1422/
ADG1423
Figure 5. 10-Lead MSOP Pin Configuration
Table 7. 10-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
S1
Source Terminal. This pin can be an
input or output.
2
S2
Source Terminal. This pin can be an
input or output.
3
NC
No Connect.
4
GND
Ground (0 V) Reference.
5
VDD
Most Positive Power Supply Potential.
6
IN2
Logic Control Input.
7
IN1
Logic Control Input.
8
VSS
Most Negative Power Supply Potential.
9
D2
Drain Terminal. This pin can be an
input or output.
10
D1
Drain Terminal. This pin can be an
input or output.
EPAD
Exposed pad tied to substrate, VSS.
Table 8. 10-Lead MSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
S1
Source Terminal. This pin can be an
input or output.
2
S2
Source Terminal. This pin can be an
input or output.
3
NC
No Connect.
4
GND
Ground (0 V) Reference.
5
VDD
Most Positive Power Supply Potential.
6
IN2
Logic Control Input.
7
IN1
Logic Control Input.
8
VSS
Most Negative Power Supply Potential.
9
D2
Drain Terminal. This pin can be an
input or output.
10
D1
Drain Terminal. This pin can be an
input or output.
Table 9. ADG1421/ADG1422 Truth Table
ADG1421 INx
ADG1422 INx
Switch Condition
1
0
On
0
1
Off
Table 10. ADG1423 Truth Table
ADG1423 INx
Switch 1 Condition
Switch 2 Condition
0
Off
On
1
On
Off


Similar Part No. - ADG1423BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BCPZ-REEL7 AD-ADG1401BCPZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ AD-ADG1401BRMZ Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ-REEL7 AD-ADG1401BRMZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1402 AD-ADG1402 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
More results

Similar Description - ADG1423BCPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com