Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5356 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5356
Description  1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5356 Datasheet HTML 3Page - Analog Devices ADL5356 Datasheet HTML 4Page - Analog Devices ADL5356 Datasheet HTML 5Page - Analog Devices ADL5356 Datasheet HTML 6Page - Analog Devices ADL5356 Datasheet HTML 7Page - Analog Devices ADL5356 Datasheet HTML 8Page - Analog Devices ADL5356 Datasheet HTML 9Page - Analog Devices ADL5356 Datasheet HTML 10Page - Analog Devices ADL5356 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5356
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
5 V PERFORMANCE
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
RF FREQUENCY (MHz)
1700 1750
1800 1850 1900 1950 2000 2050 2100 2150 2200
300
320
340
360
380
400
TA = +85°C
TA = +25°C
TA = –40°C
Figure 3. Supply Current vs. RF Frequency
RF FREQUENCY (MHz)
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
5
11
10
9
8
7
6
TA = –40°C
TA = +85°C
TA = +25°C
Figure 4. Power Conversion Gain vs. RF Frequency
RF FREQUENCY (MHz)
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
15
20
25
30
35
40
45
TA = +85°C
TA = +25°C
TA = –40°C
Figure 5 .Input IP3 vs. RF Frequency
RF FREQUENCY (MHz)
1700 1750
1800 1850 1900 1950 2000 2050 2100 2150 2200
49
51
53
55
57
59
61
TA = +85°C
TA = +25°C
TA = –40°C
Figure 6. Input IP2 vs. RF Frequency
RF FREQUENCY (MHz)
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
TA = +85°C
TA = +25°C
TA = –40°C
Figure 7. Input P1dB vs. RF Frequency
RF FREQUENCY (MHz)
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
5
14
13
12
11
10
9
8
7
6
TA = +85°C
TA = +25°C
TA = –40°C
Figure 8. SSB Noise Figure vs. RF Frequency


Similar Part No. - ADL5356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5356 AD-ADL5356 Datasheet
990Kb / 24P
   2300 MHz to 2900 MHz Balanced Mixer
REV. 0
ADL5356 AD-ADL5356 Datasheet
198Kb / 4P
   High Performance, Dual Channel IF Sampling Receiver
REV. 0
ADL5356 AD-ADL5356 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5356 AD-ADL5356 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results

Similar Description - ADL5356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5355 AD-ADL5355 Datasheet
591Kb / 24P
   1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5365 AD-ADL5365 Datasheet
581Kb / 24P
   1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
   500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5367 AD-ADL5367 Datasheet
578Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5369 AD-ADL5369 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5360 AD-ADL5360 Datasheet
479Kb / 9P
   Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
REV. PrA
ADL5812 AD-ADL5812 Datasheet
693Kb / 28P
   Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5811 AD-ADL5811 Datasheet
672Kb / 28P
   High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com