Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5365 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5365
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5365 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5365 Datasheet HTML 7Page - Analog Devices ADL5365 Datasheet HTML 8Page - Analog Devices ADL5365 Datasheet HTML 9Page - Analog Devices ADL5365 Datasheet HTML 10Page - Analog Devices ADL5365 Datasheet HTML 11Page - Analog Devices ADL5365 Datasheet HTML 12Page - Analog Devices ADL5365 Datasheet HTML 13Page - Analog Devices ADL5365 Datasheet HTML 14Page - Analog Devices ADL5365 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADL5365
Rev. 0 | Page 11 of 24
VS = 5 V, IS = 95 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = 0 dBm, VGS0 = VGS1 = 0 V, and
ZO = 50 Ω, unless otherwise noted.
CONVERSION LOSS (dB)
6.8
7.0
7.2
7.4
7.6
7.8
0
20
40
60
80
100
MEAN: 7.33
STANDARD DEVIATION:0.232
Figure 23. Conversion Loss Distribution
INPUT IP3 (dBm)
40
38
36
32
34
100
80
60
40
20
0
MEAN: 36.11
STANDARD DEVIATION: 0.146
Figure 24. Input IP3 Distribution
0
10
20
30
40
50
60
70
80
90
100
7.9
8.0
8.1
8.2
8.3
8.4
8.5
8.6
8.7
NOISE FIGURE (dB)
MEAN = 8.29
STANDARD DEVIATION = 0.30
Figure 25. SSB Noise Figure Distribution
36.5
30.5
31.0
31.5
32.0
32.5
33.0
33.5
34.0
34.5
35.0
35.5
36.0
3.6
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
30
80
130
180
230
280
330
380
430
IF FREQUENCY (MHz)
Figure 26. IF Output Impedance (R Parallel, C Equivalent)
25
20
15
10
5
0
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
RF FREQUENCY (MHz)
Figure 27. RF Port Return Loss, Fixed IF
0
35
30
25
20
15
10
5
1500 1550 1600 1650 1700 1750 1800 1850 1900 1950 2000
LO FREQUENCY (MHz)
SELECTED
UNSELECTED
Figure 28. LO Return Loss, Selected and Unselected


Similar Part No. - ADL5365

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5365 AD-ADL5365 Datasheet
990Kb / 24P
   2300 MHz to 2900 MHz Balanced Mixer
REV. 0
ADL5365 AD-ADL5365 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5365 AD-ADL5365 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results

Similar Description - ADL5365

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5355 AD-ADL5355 Datasheet
591Kb / 24P
   1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5356 AD-ADL5356 Datasheet
493Kb / 24P
   1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5367 AD-ADL5367 Datasheet
578Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5369 AD-ADL5369 Datasheet
486Kb / 23P
   300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
   500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
   500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
   2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
logo
Tyco Electronics
MA4EX585L-1225T MACOM-MA4EX585L-1225T Datasheet
114Kb / 4P
   Silicon Double Balanced HMIC Mixer LO=3300 MHz, RF=5800 MHz
logo
Analog Devices
ADL5360 AD-ADL5360 Datasheet
479Kb / 9P
   Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
REV. PrA
logo
Tyco Electronics
MAMX-000950-1225MT MACOM-MAMX-000950-1225MT Datasheet
79Kb / 4P
   Silicon Doubled Balanced HMIC Mixer 700 - 2500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com