Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM2582E Datasheet(PDF) 3 Page - Analog Devices

Part # ADM2582E
Description  Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2582E Datasheet(HTML) 3 Page - Analog Devices

  ADM2582E Datasheet HTML 1Page - Analog Devices ADM2582E Datasheet HTML 2Page - Analog Devices ADM2582E Datasheet HTML 3Page - Analog Devices ADM2582E Datasheet HTML 4Page - Analog Devices ADM2582E Datasheet HTML 5Page - Analog Devices ADM2582E Datasheet HTML 6Page - Analog Devices ADM2582E Datasheet HTML 7Page - Analog Devices ADM2582E Datasheet HTML 8Page - Analog Devices ADM2582E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADM2582E/ADM2587E
Rev. 0 | Page 3 of 20
SPECIFICATIONS
All voltages are relative to their respective ground; 3.0 ≤ VCC ≤ 5.5 V. All minimum/maximum specifications apply over the entire
recommended operation range, unless otherwise noted. All typical specifications are at TA = 25°C, VCC = 5 V unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
ADM2587E SUPPLY CURRENT
ICC
Data Rate ≤ 500 kbps
90
mA
VCC = 3.3 V, 100 Ω load between Y and Z
72
mA
VCC = 5 V, 100 Ω load between Y and Z
125
mA
VCC = 3.3 V, 54 Ω load between Y and Z
98
mA
VCC = 5 V, 54 Ω load between Y and Z
120
mA
120 Ω load between Y and Z
ADM2582E SUPPLY CURRENT
ICC
Data Rate = 16 Mbps
150
mA
120 Ω load between Y and Z
230
mA
54 Ω load between Y and Z
ISOLATED SUPPLY VOLTAGE
VISOUT
3.3
DRIVER
Differential Outputs
Differential Output Voltage, Loaded
|VOD2|
2.0
5.0
V
RL = 100 Ω (RS-422), see Figure 23
1.5
5.0
V
RL = 54 Ω (RS-485), see Figure 23
|VOD3|
1.5
5.0
V
−7 V ≤ VTEST1 ≤ 12 V, see Figure 24
Δ|VOD| for Complementary Output States
Δ|VOD|
0.2
V
RL = 54 Ω or 100 Ω, see Figure 23
Common-Mode Output Voltage
VOC
3.0
V
RL = 54 Ω or 100 Ω, see Figure 23
Δ|VOC| for Complementary Output States
Δ|VOC|
0.2
V
RL = 54 Ω or 100 Ω, see Figure 23
Short-Circuit Output Current
IOS
200
mA
Output Leakage Current (Y, Z)
IO
30
μA
DE = 0 V, RE = 0 V, VCC = 0 V or 3.6 V,
VIN = 12 V
−30
μA
DE = 0 V, RE = 0 V, VCC = 0 V or 3.6 V,
VIN = −7 V
Logic Inputs DE, RE, TxD
Input Threshold Low
VIL
0.3 × VCC
V
DE, RE, TxD
Input Threshold High
VIH
0.7 × VCC
V
DE, RE, TxD
Input Current
II
−10
0.01
10
μA
DE, RE, TxD
RECEIVER
Differential Inputs
Differential Input Threshold Voltage
VTH
−200
−125
−30
mV
−7 V < VCM < +12 V
Input Voltage Hysteresis
VHYS
15
mV
VOC = 0 V
Input Current (A, B)
II
125
μA
DE = 0 V, VCC = 0 V or 3.6 V, VIN = 12 V
−100
μA
DE = 0 V, VCC = 0 V or 3.6 V, VIN = -7 V
Line Input Resistance
RIN
96
−7 V < VCM < +12 V
Logic Outputs
Output Voltage Low
VOL
0.2
0.4
V
IO = 1.5 mA, VA − VB = −0.2 V
Output Voltage High
VOH
VCC − 0.3
VCC − 0.2
V
IO = −1.5 mA, VA − VB = 0.2 V
Short-Circuit Current
100
mA
COMMON-MODE TRANSIENT IMMUNITY1
25
kV/μs
VCM = 1 kV, transient magnitude = 800 V
1 CM is the maximum common-mode voltage slew rate that can be sustained while maintaining specification-compliant operation. VCM is the common-mode potential
difference between the logic and bus sides. The transient magnitude is the range over which the common-mode is slewed. The common-mode voltage slew rates
apply to both rising and falling common-mode voltage edges.


Similar Part No. - ADM2582E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582E AD-ADM2582E Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADM2582E AD-ADM2582E Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2582EBRWZ AD-ADM2582EBRWZ Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2582EBRWZ-REEL7 AD-ADM2582EBRWZ-REEL7 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
More results

Similar Description - ADM2582E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
   5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
logo
Texas Instruments
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com