Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM2582EBRWZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM2582EBRWZ
Description  Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2582EBRWZ Datasheet(HTML) 1 Page - Analog Devices

  ADM2582EBRWZ Datasheet HTML 1Page - Analog Devices ADM2582EBRWZ Datasheet HTML 2Page - Analog Devices ADM2582EBRWZ Datasheet HTML 3Page - Analog Devices ADM2582EBRWZ Datasheet HTML 4Page - Analog Devices ADM2582EBRWZ Datasheet HTML 5Page - Analog Devices ADM2582EBRWZ Datasheet HTML 6Page - Analog Devices ADM2582EBRWZ Datasheet HTML 7Page - Analog Devices ADM2582EBRWZ Datasheet HTML 8Page - Analog Devices ADM2582EBRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Signal and Power Isolated RS-485
Transceiver with ±15 kV ESD Protection
ADM2582E/ADM2587E
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Isolated RS-485/RS-422 transceiver, configurable as half or
full duplex
isoPower® integrated isolated dc-to-dc converter
±15 kV ESD protection on RS-485 input/output pins
Complies with ANSI/TIA/EIA-485-A-98 and ISO 8482:1987(E)
ADM2582E data rate: 16 Mbps
ADM2587E data rate: 500 kbps
5 V or 3.3 V operation
Connect up to 256 nodes on one bus
Open- and short-circuit, fail-safe receiver inputs
High common-mode transient immunity: >25 kV/μs
Thermal shutdown protection
Safety and regulatory approvals (pending)
UL recognition: 2500 V rms for 1 minute per UL 1577
VDE Certificates of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak
Operating temperature range: −40°C to +85°C
Highly integrated, 20-lead, wide-body SOIC package
APPLICATIONS
Isolated RS-485/RS-422 interfaces
Industrial field networks
Multipoint data transmission systems
FUNCTIONAL BLOCK DIAGRAM
ADM2582E/ADM2587E
TxD
A
B
Y
Z
DE
VCC
RxD
RE
ISOLATION
BARRIER
TRANSCEIVER
GND1
GND2
ENCODE
ENCODE
DECODE
DECODE
D
R
DECODE
ENCODE
OSCILLATOR
RECTIFIER
REGULATOR
VISOOUT
DIGITAL ISOLATION iCoupler
isoPower DC-TO-DC CONVERTER
VISOIN
Figure 1.
GENERAL DESCRIPTION
The ADM2582E/ADM2587E are fully integrated signal and
power isolated data transceivers with ±15 kV ESD protection
and are suitable for high speed communication on multipoint
transmission lines. The ADM2582E/ADM2587E include an
integrated isolated dc-to-dc power supply, which eliminates the
need for an external dc-to-dc isolation block.
They are designed for balanced transmission lines and comply
with ANSI/TIA/EIA-485-A-98 and ISO 8482:1987(E).
The devices integrate Analog Devices, Inc., iCoupler® technology to
combine a 3-channel isolator, a three-state differential line driver, a
differential input receiver, and Analog Devices isoPower dc-to-
dc converter into a single package. The devices are powered by a
single 5 V or 3.3 V supply, realizing a fully integrated signal and
power isolated RS-485 solution.
The ADM2582E/ADM2587E driver has an active high enable.
An active low receiver enable is also provided that causes the
receiver output to enter a high impedance state when disabled.
The devices have current limiting and thermal shutdown
features to protect against output short circuits and situations
where bus contention may cause excessive power dissipation.
The parts are fully specified over the industrial temperature
range and are available in a highly integrated, 20-lead, wide-
body SOIC package.
The ADM2582E/ADM2587E contain isoPower technology that
uses high frequency switching elements to transfer power through
the transformer. Special care must be taken during printed circuit
board (PCB) layout to meet emissions standards. Refer to
Application Note AN-0971, Control of Radiated Emissions with
isoPower Devices, for details on board layout considerations.


Similar Part No. - ADM2582EBRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582EBRWZ AD-ADM2582EBRWZ Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2582EBRWZ-REEL7 AD-ADM2582EBRWZ-REEL7 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
More results

Similar Description - ADM2582EBRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
   5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
logo
Texas Instruments
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com