Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADM2587EEBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADM2587EEBZ
Description  Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADM2587EEBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADM2587EEBZ Datasheet HTML 3Page - Analog Devices EVAL-ADM2587EEBZ Datasheet HTML 4Page - Analog Devices EVAL-ADM2587EEBZ Datasheet HTML 5Page - Analog Devices EVAL-ADM2587EEBZ Datasheet HTML 6Page - Analog Devices EVAL-ADM2587EEBZ Datasheet HTML 7Page - Analog Devices EVAL-ADM2587EEBZ Datasheet HTML 8Page - Analog Devices EVAL-ADM2587EEBZ Datasheet HTML 9Page - Analog Devices EVAL-ADM2587EEBZ Datasheet HTML 10Page - Analog Devices EVAL-ADM2587EEBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADM2582E/ADM2587E
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND1 1
VCC 2
GND1 3
RxD 4
GND2
20
VISOIN
19
A
18
B
17
RE 5
GND2
16
DE 6
Z
15
TxD 7
GND2
14
VCC 8
Y
13
GND1 9
VISOOUT
12
GND1 10
GND2
11
NOTES
1. PIN 12 AND PIN 19 MUST BE
CONNECTED EXTERNALLY.
ADM2582E
ADM2587E
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 10. Pin Function Description
Pin No.
Mnemonic
Description
1
GND1
Ground, Logic Side.
2
VCC
Logic Side Power Supply. It is recommended that a 0.1 μF and a 10 μF decoupling capacitor be fitted between
Pin 2 and Pin 1.
3
GND1
Ground, Logic Side.
4
RxD
Receiver Output Data. This output is high when (A − B) > 200 mV and low when (A − B) < –200 mV.
The output is tristated when the receiver is disabled, that is, when RE is driven high.
5
RE
Receiver Enable Input. This is an active-low input. Driving this input low enables the receiver; driving it
high disables the receiver.
6
DE
Driver Enable Input. Driving this input high enables the driver; driving it low disables the driver.
7
TxD
Driver Input. Data to be transmitted by the driver is applied to this input.
8
VCC
Logic Side Power Supply. It is recommended that a 0.1 μF and a 0.01 μF decoupling capacitor be fitted between
Pin 8 and Pin 7.
9
GND1
Ground, Logic Side.
10
GND1
Ground, Logic Side.
11
GND2
Ground, Bus Side.
12
VISOOUT
Isolated Power Supply Output. This pin must be connected externally to VISOIN. It is recommended that a reservoir
capacitor of 10 μF and a decoupling capacitor of 0.1 μF be fitted between Pin 12 and Pin 11.
13
Y
Driver Noninverting Output
14
GND2
Ground, Bus Side.
15
Z
Driver Inverting Output
16
GND2
Ground, Bus Side.
17
B
Receiver Inverting Input.
18
A
Receiver Noninverting Input.
19
VISOIN
Isolated Power Supply Input. This pin must be connected externally to VISOOUT. It is recommended that a
0.1 μF and a 0.01 μF decoupling capacitor be fitted between Pin 19 and Pin 20.
20
GND2
Ground, Bus Side.


Similar Part No. - EVAL-ADM2587EEBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADM2587EEBZ AD-EVAL-ADM2587EEBZ Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
More results

Similar Description - EVAL-ADM2587EEBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
   5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
logo
Texas Instruments
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com