Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-HUB33-TRE Datasheet(PDF) 5 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HUB33-TRE
Description  Automotive: Dashboards, stop lamps, turn signals.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HUB33-TRE Datasheet(HTML) 5 Page - BRIGHT LED ELECTRONICS CORP

  BL-HUB33-TRE Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HUB33-TRE Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HUB33-TRE Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HUB33-TRE Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HUB33-TRE Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HUB33-TRE Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HUB33-TRE Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-HUB33-TRE Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HU
UB
B3
33
3--T
TR
RE
E
SINCE 1981
● Bin Limits
Intensit y Bin Limits (At 20mA)
BIN C O D E
Min. (m c d )
Max . (m cd)
M
28
42
N
42
63
P
63
94
Q
94
14 0
To lerance for each Bin lim it is ± 15 %.
BI N : x
I n t e n s i t y B I N C O D E
Ver.1.0
Page 4 of 7


Similar Part No. - BL-HUB33-TRE

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HUB33-TRB BRIGHT-BL-HUB33-TRB Datasheet
256Kb / 6P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
logo
American Bright OPTOELE...
BL-HUB33-TRB AMERICANBRIGHT-BL-HUB33-TRB Datasheet
230Kb / 7P
   Top Emitting SMT LED Components
Ver.2.0
More results

Similar Description - BL-HUB33-TRE

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HB533-TRE BRIGHT-BL-HB533-TRE Datasheet
229Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HUBB533B-TRB BRIGHT-BL-HUBB533B-TRB Datasheet
276Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HG033-AV-TRB BRIGHT-BL-HG033-AV-TRB Datasheet
235Kb / 7P
   Automotive : Dashboards, stop lamps, turn signals
BL-HUB36G-AV-TRB BRIGHT-BL-HUB36G-AV-TRB Datasheet
227Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals
BZ-HB533-AV-TRB BRIGHT-BZ-HB533-AV-TRB Datasheet
226Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals
BL-HGK33-AV-TRB BRIGHT-BL-HGK33-AV-TRB Datasheet
271Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HUB36A-AV-TRB BRIGHT-BL-HUB36A-AV-TRB Datasheet
251Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HJE36A-AV-TR BRIGHT-BL-HJE36A-AV-TR Datasheet
232Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HS135A-AV-TRB BRIGHT-BL-HS135A-AV-TRB Datasheet
216Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
BL-HUB36G-AV-TR BRIGHT-BL-HUB36G-AV-TR Datasheet
227Kb / 8P
   Automotive : Dashboards, stop lamps, turn signals.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com