Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25C08B Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS25C08B
Description  8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C08B Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS25C08B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Integrated Silicon Solution, Inc.
5
Preliminary Information Rev. 00A
08/25/09
IS25C08B
WRITE ENABLE (WREN)
When Vcc is initially applied, the device powers up with
both status register and entire array in a write-disabled
state. Upon completion of Write Disable (WRDI),
Write Status Register (WRSR), or Write Data to Array
(WRITE), the device resets the WEN bit in the Status
Register to 0. Prior to any data modification, a WREN
instruction is necessary to set WEN to 1. (See Figure 2
for timing).
WRITE DISABLE (WRDI)
The device can be completely protected from modifica-
tion by resetting WEN to 0 through the WRDI instruc-
tion. (See Figure 3 for timing).
READ STATUS REGISTER (RDSR)
The Read Status instruction tells the user the status of
Write Protect Enable, the Block Protection setting (see
Table 2), the Write Enable state, and the RDY status.
RDSR is the only instruction accepted when a write
cycle is underway. It is recommended that the status
of Write Enable and RDY be checked, especially prior
to an attempted modification of data. The 8 bits of the
Status Register can be repeatedly output on SO after
the initial Op-code. (See Figure 4 for timing).
Table 3. Instruction Set
Name
Op-code
Operation
Address
Data(SI)
Data (SO)
WREN 0000X110
SetWriteEnableLatch
-
-
-
WRDI
0000X100
ResetWriteEnableLatch
-
-
-
RDSR 0000X101
ReadStatusRegister
-
-
D7-D0,...
WRSR 0000X001
WriteStatusRegister
-
D7-D0
-
READ
0000X011
ReadDatafromArray
A15-A0
-
D7-D0,...
WRITE 0000X010
WriteDatatoArray
A15-A0
D7-D0,...
-
DEVICE OPERATION
The operations of the IS25C08B are controlled by a set of instructions that are clocked-in serially SI pin. (See Table
3). To begin an instruction, the chip select (CS) should be dropped Low. Subsequently, each Low-to-High transition
of the clock (SK) will latch a stable value on the SI pin. After the 8-bit op-code, it may be appropriate to continue to
input an address or data to SI, or to output data from SO. During data output, values appear on the falling edge of
SK. All bits are transferred with MSB first. Upon the last bit of communication, but prior to any following Low-to-High
transition of SK, CS should be raised High to end the transaction. The device then would enter Standby Mode if no
internal programming were underway.
1. X = Don’t care bit. For consistency, it is best to use “0”.
2. Some address bits are don’t care. See Table 5.
3. If the bits clocked-in for an op-code are invalid, SO remains high impedance, and upon CS going High there is no
affect. A valid op-code with an invalid number of bits clocked-in for address or data will cause an attempt to modify
the array or Status Register to be ignored.


Similar Part No. - IS25C08B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08-2CLI ISSI-IS25C08-2CLI Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08-2GI ISSI-IS25C08-2GI Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08-2GLI ISSI-IS25C08-2GLI Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08-2PI ISSI-IS25C08-2PI Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C08B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com