Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25C32B-3ZLA3-TR Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS25C32B-3ZLA3-TR
Description  32K-BIT SPI AUTOMOTIVE EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C32B-3ZLA3-TR Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS25C32B-3ZLA3-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C32B-3ZLA3-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C32B-3ZLA3-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C32B-3ZLA3-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C32B-3ZLA3-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C32B-3ZLA3-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C32B-3ZLA3-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C32B-3ZLA3-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25C32B-3ZLA3-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Advanced Information Rev. 00B
08/27/09
IS25C32B-Automotive
Table 5. Address Key
Name
IS25C32B
A
N
A
11-A0
Don't
A
15-A12
Care Bits
WRITE STATUS REgISTER (WRSR)
This instruction lets the user choose a Block Protection
setting, and set or reset the WPEN bit. The values of
the other data bits incorporated into WRSR can be 0
or 1, and are not stored in the Status Register. WRSR
will be ignored unless both the following are true: a)
WEN = 1, due to a prior WREN instruction; and b)
Hardware Write Protection is not enabled. (See Table
4 for details). Except for the RDY status, the values in
the Status Register remain unchanged until the mo-
ment when the write cycle is complete and the register
is updated. Note: WPEN can be changed from 1 to 0
only if WP is already set High. Once completed, WEN
is reset for complete chip write protection. (See Figure
5 for timing).
READ DATA (READ)
This instruction begins with the op-code and the 16-
bit address, and causes the selected data byte to be
shifted out on SO. Following this first data byte, addi-
tional sequential bytes are output. If the data byte in the
highest address is output, the address rolls-over to the
lowest address in the array, and the output could loop
indefinitely. At any time, a rising CS signal completes
the operation. (See Figure 6 for timing).
WRITE DATA (WRITE)
The WRITE instruction begins with the op-code, the
16-bit address of the first byte to be modified, and the
first data byte. Additional data bytes may be written se-
quentially to the array after the first byte. Each WRITE
instruction can affect the contents of a 32 byte page,
but no more. The page begins at address XXXXXXXX
XXX00000, and ends with XXXXXXXX XXX11111. If
the last byte of the page is input, the address rolls over
to the beginning of the same page. More than 32 data
bytes can be input during the same instruction, but upon
a completed write cycle, a page would only contain the
last 32 bytes.
The region of the array defined within Block Protection
cannot be modified as long as that block configuration
is selected. The region of the array outside the Block
Protection can only be modified if Write Enable (WEN)
is set to 1. Therefore, it may be necessary that a WREN
instruction occur prior to WRITE. Hardware Write Pro-
tection has no affect on the memory array. Once Write
is completed, WEN is reset for complete chip write
protection. (See Figure 7 for timing).
Table 4. Write Protection
WPEN
WP
Hardware Write
WEN
Inside Block
Outside Block
Status Register
Protection
(WPEN, BP1, BP0)
0
X
Not Enabled
0
Read-only
Read-only
Read-only
0
X
Not Enabled
1
Read-only
Unprotected
Unprotected
1
0
Enabled
0
Read-only
Read-only
Read-only
1
0
Enabled
1
Read-only
Unprotected
Read-only
X
1
Not Enabled
0
Read-only
Read-only
Read-only
X
1
Not Enabled
1
Read-only
Unprotected
Unprotected
Note: X = Don't care bit.


Similar Part No. - IS25C32B-3ZLA3-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A-2GI ISSI-IS25C32A-2GI Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A-2GI ISSI-IS25C32A-2GI Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A-2GLI ISSI-IS25C32A-2GLI Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C32B-3ZLA3-TR

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Microchip Technology
25LC320-ISN MICROCHIP-25LC320-ISN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
01/02/08
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
25AA320 MICROCHIP-25AA320 Datasheet
383Kb / 24P
   32K SPI Bus Serial EEPROM
2004
25LC320SN MICROCHIP-25LC320SN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
2008
25AA320 MICROCHIP-25AA320_08 Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
2008
25AA320A MICROCHIP-25AA320A_09 Datasheet
518Kb / 30P
   32K SPI Bus Serial EEPROM
2009
25AA320A MICROCHIP-25AA320A Datasheet
425Kb / 26P
   32K SPI Bus Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com