Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25C128A-2GLI Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS25C128A-2GLI
Description  128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C128A-2GLI Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS25C128A-2GLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25C128A-2GLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Integrated Silicon Solution, Inc.
7
Advanced Information
Rev. 00E
11/25/08
IS25C128A
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Parameter
Value
Unit
VS
Supply Voltage
-0.5 to + 6.5
V
VP
Voltage on Any Pin
–0.5 to Vcc + 0.5
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Output Current
5
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause perma-
nent damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions outside those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters and not 100%
tested.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 5.0V.
POWER SUPPLY CHARACTERISTICS
TA = –40°C to +85°C
Symbol Parameter
Test Conditions
Min.
Max.
Unit
ICC1
Operating Current
Read/Write at 10 MHz (Vcc = 5V)
10.0
mA
ICC2
Operating Current
Read/Write at 5 MHz (Vcc = 2.5V)
4.0
mA
ICC3
Operating Current
Read/Write at 5 MHz (Vcc = 1.8V)
3.0
mA
ISB1
Standby Current
Vcc = 5.0V, VIN = VCC or GND,
CS = Vcc
25
µA
ISB2
Standby Current
Vcc = 2.5V, VIN = VCC or GND,
CS = Vcc
20
µA
ISB3
Standby Current
Vcc = 1.8V, VIN = VCC or GND,
CS = Vcc
15
µA


Similar Part No. - IS25C128A-2GLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128-2GI ISSI-IS25C128-2GI Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128-2GLI ISSI-IS25C128-2GLI Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128-2PI ISSI-IS25C128-2PI Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128-2PLI ISSI-IS25C128-2PLI Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C128A-2GLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com