Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16320B Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS42S16320B
Description  64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16320B Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS42S16320B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16320B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16320B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16320B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16320B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16320B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16320B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16320B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16320B Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. C
08/27/09
IS42S86400B, IS42/45S16320B
PIN FUNCTIONS
Symbol
Type
Function (In Detail)
A0-A12
InputPin
AddressInputs:A0-A12aresampledduringtheACTIVEcommand(row-address
A0-A12)andREAD/WRITEcommand(columnaddressA0-A9(x16);A0-A9,A11
(x8);withA10definingautoprecharge)toselectonelocationoutofthememory
arrayintherespectivebank.A10issampledduringaPRECHARGEcommandto
determineifallbanksaretobeprecharged(A10HIGH)orbankselectedbyBA0,
BA1(LOW).Theaddressinputsalsoprovidetheop-codeduringaLOADMODE
REGISTERcommand.
BA0,BA1
InputPin
BankSelectAddress:BA0andBA1defineswhichbanktheACTIVE,READ,WRITE
orPRECHARGEcommandisbeingapplied.
CAS
InputPin
CAS
, in conjunction with the RAS and WE, forms the device command. See the
"CommandTruthTable"fordetailsondevicecommands.
CKE
InputPin
TheCKEinputdetermineswhethertheCLKinputisenabled.Thenextrisingedge
oftheCLKsignalwillbevalidwhenisCKEHIGHandinvalidwhenLOW.WhenCKE
isLOW,thedevicewillbeineitherpower-downmode,clocksuspendmode,orself
refresh mode. CKEisan asynchronous input.
CLK
InputPin
CLKisthemasterclockinputforthisdevice.ExceptforCKE,allinputstothisdevice
areacquiredinsynchronizationwiththerisingedgeofthispin.
CS
InputPin
TheCS input determines whether command input is enabled within the device.
Command input is enabled when CSisLOW,anddisabledwithCSisHIGH.The
device remains in the previous state when CSisHIGH.
DQML,
InputPin
DQMLandDQMHcontrolthelowerandupperbytesoftheI/Obuffers.Inread
DQMH
mode,DQMLandDQMHcontroltheoutputbuffer.WhenDQMLorDQMHisLOW,the
correspondingbufferbyteisenabled,andwhenHIGH,disabled.Theoutputsgoto
theHIGHimpedancestatewhenDQML/DQMHisHIGH.Thisfunctioncorrespondsto
OE
inconventionalDRAMs.Inwritemode,DQMLandDQMHcontroltheinputbuffer.
WhenDQMLorDQMHisLOW,thecorrespondingbufferbyteisenabled,anddata
canbewrittentothedevice.WhenDQMLorDQMHisHIGH,inputdataismasked
andcannotbewrittentothedevice.ForIS42/45S16320Bonly.
DQM
InputPin
ForIS42S86400Bonly.
DQ0-DQ7 (x8)or
Input/Output
DataontheDataBusislatchedonDQpinsduringWritecommands,andbufferedfor
DQ0-DQ15(x16)
outputafterReadcommands.
RAS
InputPin
RAS
, in conjunction with CAS and WE, forms the device command. See the "Com-
mandTruthTable"itemfordetailsondevicecommands.
WE
InputPin
WE
, in conjunction with RAS and CAS, forms the device command. See the "Com-
mandTruthTable"itemfordetailsondevicecommands.
Vddq
PowerSupplyPin
Vddq is the output buffer power supply.
Vdd
PowerSupplyPin
Vdd is the device internal power supply.
Vssq
PowerSupplyPin
Vssq is the output buffer ground.
Vss
PowerSupplyPin
Vss is the device internal ground.


Similar Part No. - IS42S16320B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16320D ISSI-IS42S16320D Datasheet
1Mb / 66P
   Internal bank for hiding row access/precharge
IS42S16320F ISSI-IS42S16320F Datasheet
1Mb / 68P
   8K refresh cycles every 64 ms
More results

Similar Description - IS42S16320B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
   32M x 16 bit DDR Synchronous DRAM
logo
Etron Technology, Inc.
EM6AB160TSE-4G ETRON-EM6AB160TSE-4G Datasheet
560Kb / 62P
   32M x 16 bit DDR Synchronous DRAM
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM63B165TS-5ISG ETRON-EM63B165TS-5ISG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M8SA-7TCN ALSC-AS4C32M8SA-7TCN Datasheet
1Mb / 55P
   32M x 8 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM6GC16EWKE-15H ETRON-EM6GC16EWKE-15H Datasheet
835Kb / 85P
   64M x 16 bit DDR3 Synchronous DRAM (SDRAM)
EM68C16CWQG-18H ETRON-EM68C16CWQG-18H Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com