Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16100E-6TL Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS42S16100E-6TL
Description  512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16100E-6TL Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS42S16100E-6TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16100E-6TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16100E-6TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16100E-6TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16100E-6TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16100E-6TL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S16100E-6TL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42S16100E-6TL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42S16100E-6TL Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
9
Rev. D
08/24/09
IS42S16100E, IS45S16100E
OPERATING FREQUENCY / LATENCY RELATIONSHIPS (CAS Latency=3)
SYMBOL PARAMETER
-5
-6
-7
UNITS
ClockCycleTime
5
6
7
ns
OperatingFrequency
200
166
143
MHz
tcac
CAS
Latency
3
3
3
cycle
trcD
ActiveCommandToRead/WriteCommandDelayTime
3
3
3
cycle
trac
RAS
Latency(trcD + tcac)
6
6
6
cycle
trc
CommandPeriod(REFtoREF/ACTtoACT)
10
9
9
cycle
tras
CommandPeriod(ACTtoPRE)
7
6
6
cycle
trp
CommandPeriod(PREtoACT)
3
3
3
cycle
trrD
CommandPeriod(ACT[0]toACT[1])
2
2
2
cycle
tccD
ColumnCommandDelayTime
1
1
1
cycle
(READ,READA,WRIT,WRITA)
tDpl
InputDataToPrechargeCommandDelayTime
2
2
2
cycle
tDal
InputDataToActive/RefreshCommandDelayTime
5
5
5
cycle
(DuringAuto-Precharge)
trbD
BurstStopCommandToOutputinHIGH-ZDelayTime
3
3
3
cycle
(Read)
twbD
BurstStopCommandToInputinInvalidDelayTime
0
0
0
cycle
(Write)
trql
PrechargeCommandToOutputinHIGH-ZDelayTime
3
3
3
cycle
(Read)
twDl
PrechargeCommandToInputinInvalidDelayTime
0
0
0
cycle
(Write)
tpql
LastOutputToAuto-PrechargeStartTime(Read)
–2
–2
–2
cycle
tqmD
DQMToOutputDelayTime(Read)
2
2
2
cycle
tDmD
DQMToInputDelayTime(Write)
0
0
0
cycle
tmcD
ModeRegisterSetToCommandDelayTime
2
2
2
cycle
AC TEST CONDITIONS (Input/OutputReferenceLevel:1.4V)
I/O
50
+1.4V
50pF
Output Load
Input
tOH
tAC
1.4V
1.4V
tCH
tCS
tCK
tCHI
tCL
2.8V
1.4V
0.0V
2.8V
1.4V
0.0V
CLK
INPUT
OUTPUT


Similar Part No. - IS42S16100E-6TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-10T ISSI-IS42S16100-10T Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-10TI ISSI-IS42S16100-10TI Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-5BL ISSI-IS42S16100-5BL Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16100E-6TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com