Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16160C-7TL Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS42S16160C-7TL
Description  256 Mb Single Data Rate Synchronous DRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16160C-7TL Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS42S16160C-7TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16160C-7TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16160C-7TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16160C-7TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16160C-7TL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S16160C-7TL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42S16160C-7TL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42S16160C-7TL Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS42S16160C-7TL Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev. C
04/02/09
TRUTH TABLE
Command Truth Table
COMMAND
Symbol
CKEn-1
CKEn
/CS
/RAS
/CAS
/WE
BA1
BA0
A10/
AP
A12-11,
A9 ~ A0
Device deselect
DSL
H
X
H
X
X
X
X
X
X
X
No operation
NOP
H
X
L
H
H
H
X
X
X
X
Burst stop
BST
H
H
L
H
H
L
X
X
X
X
Read
RD
H
X
L
H
L
H
V
V
L
V
Read with auto precharge
RDA
H
X
L
H
L
H
V
V
H
V
Write
WR
H
X
L
H
L
L
V
V
L
V
Write with auto precharge
WRA
H
X
L
H
L
L
V
V
H
V
Bank activate
ACT
H
X
L
L
H
H
V
V
V
V
Precharge select bank
PRE
H
X
L
L
H
L
V
V
L
X
Precharge all banks
PALL
H
X
L
L
H
L
X
X
H
X
Mode register set
MRS
H
X
L
L
L
L
L
L
L
X
Extended mode register set
EMRS
H
X
L
L
L
L
H
L
L
V
(V=Valid, X=Don t Care, H=Logic High, L=Logic Low)
CKE Truth Table
Current state
Function
Symbol
CKEn-1
CKEn
/CS
/RAS
/CAS
/WE
/Address
Activating
Clock suspend mode entry
H
L
X
X
X
X
X
Any
Clock suspend mode
L
L
X
X
X
X
X
Clock suspend
Clock suspend mode exit
L
H
X
X
X
X
X
Idle
Auto refresh command
REF
H
H
L
L
L
H
X
Idle
Self refresh entry
SREF
H
L
L
L
L
H
X
Idle
Power down entry
PD
H
L
L
H
H
H
X
H
L
H
X
X
X
X
Idle
Deep power down entry
DPD
H
L
L
H
H
L
X
Self refresh
Self refresh exit
L
H
L
H
H
H
X
L
H
H
X
X
X
X
Power down
Power down exit
L
H
L
H
H
H
X
L
H
H
X
X
X
X
Deep power down
Deep power down exit
L
H
X
X
X
X
X
(V=Valid, X=Don t Care, H=Logic High, L=Logic Low)
IS42S83200C
IS42S16160C


Similar Part No. - IS42S16160C-7TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6BL ISSI-IS42S16160-6BL Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6BLI ISSI-IS42S16160-6BLI Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6TL ISSI-IS42S16160-6TL Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
IS42S16160-6TLI ISSI-IS42S16160-6TLI Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S16160C-7TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S83200C ISSI-IS45S83200C Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
logo
Elpida Memory
M2V64S50ETP ELPIDA-M2V64S50ETP Datasheet
738Kb / 49P
   64M Single Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
logo
Elpida Memory
M2S56D20ATP ELPIDA-M2S56D20ATP Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
M2S56D20AKT MITSUBISHI-M2S56D20AKT Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
logo
Austin Semiconductor
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
1Mb / 51P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com