Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16400E-6TLI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS42S16400E-6TLI
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16400E-6TLI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS42S16400E-6TLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16400E-6TLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16400E-6TLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16400E-6TLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16400E-6TLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16400E-6TLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16400E-6TLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16400E-6TLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16400E-6TLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
Integrated Silicon Solution, Inc. — www.issi.com3
Rev. C
08/07/09
IS42S16400E
PIN FUNCTIONS
Symbol
TSOP Pin No.
Type
Function (In Detail)
A0-A11
23to26
InputPin
AddressInputs:A0-A11aresampledduringtheACTIVE
29to34
command(row-addressA0-A11)andREAD/WRITEcommand(A0-A7
22,35
withA10definingautoprecharge)toselectonelocationoutofthememoryarray
intherespectivebank.A10issampledduringaPRECHARGEcommandtodeter-
mineifallbanksaretobeprecharged(A10HIGH)orbankselectedby
BA0,BA1(LOW).Theaddressinputsalsoprovidetheop-codeduringaLOAD
MODEREGISTERcommand.
BA0,BA1
20,21
InputPin
BankSelectAddress:BA0andBA1defineswhichbanktheACTIVE,READ,WRITE
orPRECHARGEcommandisbeingapplied.
CAS
17
InputPin
CAS
, in conjunction with the RAS and WE, forms the device command. See the
"CommandTruthTable"fordetailsondevicecommands.
CKE
37
InputPin
TheCKEinputdetermineswhethertheCLKinputisenabled.Thenextrisingedge
oftheCLKsignalwillbevalidwhenisCKEHIGHandinvalidwhenLOW.WhenCKE
isLOW,thedevicewillbeineitherpower-downmode,clocksuspendmode,orself
refresh mode. CKEisan asynchronous input.
CLK
38
InputPin
CLKisthemasterclockinputforthisdevice.ExceptforCKE,allinputstothisdevice
areacquiredinsynchronizationwiththerisingedgeofthispin.
CS
19
InputPin
TheCS input determines whether command input is enabled within the device.
Command input is enabled when CSisLOW,anddisabledwithCSisHIGH.The
device remains in the previous state when CSisHIGH.
DQ0to
2,4,5,7,8,10,
DQPin
DQ0toDQ15areI/Opins.I/Othroughthesepinscanbecontrolledinbyteunits
DQ15
11,13,42,44,45,
usingtheLDQMandUDQMpins.
47,48,50,51,53
LDQM,
15,39
InputPin
LDQMandUDQMcontrolthelowerandupperbytesoftheI/Obuffers.Inread
UDQM
mode,LDQMandUDQMcontroltheoutputbuffer.WhenLDQMorUDQMisLOW,
thecorrespondingbufferbyteisenabled,andwhenHIGH,disabled.Theoutputs
gototheHIGHimpedancestatewhenLDQM/UDQMisHIGH.Thisfunctioncor-
responds to OEinconventionalDRAMs.Inwritemode,LDQMandUDQMcontrol
theinputbuffer.WhenLDQMorUDQMisLOW,thecorrespondingbufferbyteisen-
abled,anddatacanbewrittentothedevice.WhenLDQMorUDQMisHIGH,input
data is masked and cannot be written to the device.
RAS
18
InputPin
RAS
, in conjunction with CAS and WE, forms the device command. See the "Com-
mandTruthTable"itemfordetailsondevicecommands.
WE
16
InputPin
WE
, in conjunction with RAS and CAS, forms the device command. See the "Com-
mandTruthTable"itemfordetailsondevicecommands.
VDDq
3,9,43,49
PowerSupplyPinVDDq is the output buffer power supply.
VDD
1,14,27
PowerSupplyPinVDD is the device internal power supply.
GNDq
6,12,46,52
PowerSupplyPin GNDq is the output buffer ground.
GND
28,41,54
PowerSupplyPin GND is the device internal ground.


Similar Part No. - IS42S16400E-6TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS42S16400 ICSI-IS42S16400 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-10T ISSI-IS42S16400-10T Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-10TI ISSI-IS42S16400-10TI Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16400E-6TLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com