Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S32160A-75B Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS42S32160A-75B
Description  4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S32160A-75B Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS42S32160A-75B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S32160A-75B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S32160A-75B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S32160A-75B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S32160A-75B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S32160A-75B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S32160A-75B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S32160A-75B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S32160A-75B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
Integrated Silicon Solution, Inc.
Rev. 00
E
0
7/21/09
IS42S32160A
FUNCTIONAL BLOCK DIAGRAM
16 Meg x 16 SDRAM
Die 01
Die 02
DQ0 –DQ31
CS
CLK
CKE#
Command
Addresses
Function Block Diagram – 16Meg x 32 SDRAM
CLK
CKE
CS
RAS
CAS
WE
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA0
BA1
A10
A12
COMMAND
DECODER
&
CLOCK
GENERATOR
MODE
REGISTER
REFRESH
CONTROLLER
REFRESH
COUNTER
SELF
REFRESH
CONTROLLER
ROW
ADDRESS
LATCH
COLUMN
ADDRESS LATCH
BURST COUNTER
COLUMN
ADDRESS BUFFER
COLUMN DECODER
DATA IN
BUFFER
DATA OUT
BUFFER
DQML
DQMH
DQ 0-15
VDD/VDDQ
Vss/VssQ
13
13
9
13
13
9
16
16
16
16
512
(x 16)
8192
8192
8192
8192
MEMORY CELL
ARRAY
BANK 0
SENSE AMP I/O GATE
BANK CONTROL LOGIC
ROW
ADDRESS
BUFFER
A11
2


Similar Part No. - IS42S32160A-75B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32160B ISSI-IS42S32160B Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
IS42S32160B-6BL ISSI-IS42S32160B-6BL Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
IS42S32160B-6BLI ISSI-IS42S32160B-6BLI Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
IS42S32160B-6TL ISSI-IS42S32160B-6TL Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
IS42S32160B-6TLI ISSI-IS42S32160B-6TLI Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
More results

Similar Description - IS42S32160A-75B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32800B ISSI-IS42S32800B Datasheet
927Kb / 62P
   2M Words x 32 Bits x 4 Banks (256-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32200C1 ISSI-IS42S32200C1 Datasheet
608Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S32200C1 ISSI-IS45S32200C1 Datasheet
607Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200B ISSI-IS42S32200B Datasheet
537Kb / 56P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S32200L ETC2-IS42S32200L Datasheet
1Mb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32200E ISSI-IS42S32200E Datasheet
981Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
42S32200 ISSI-42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com