Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S32160A-75BLI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS42S32160A-75BLI
Description  4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S32160A-75BLI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS42S32160A-75BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S32160A-75BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S32160A-75BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S32160A-75BLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S32160A-75BLI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42S32160A-75BLI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42S32160A-75BLI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS42S32160A-75BLI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS42S32160A-75BLI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
11
Rev. 00
E
0
7/21/09
IS42S32160A
CLK
COMMAND
DIN B2
NOP
WRITEA
WRITEB
NOP
NOP
NOP
NOP
NOP
NOP
DIN A0
DIN B0
DIN B1
DQ’s
DIN B3
1 Clk Interval
T0
T2
T1
T3
T4
T5
T6
T7
T8
CLK
COMMAND
T0T 1
T2T3
T4T5
T6T7
T8
NOP
WRITEA
NOP
NOP
NOP
NOP
NOP
READ B
NOP
DIN A0
don’t care
DOUT B2
DOUT B0
DOUT B1
DOUT B3
DIN A0
don’t care
don’t care
DOUT B2
DOUT B0
DOUT B1
DOUT B3
DI N
Input data must be removed from the DQs at least one clock
cycle before the Read data appears on the outputs to avoid
data contention.
Input data for the write is masked.
CAS# latency=2
tCK2, DQ’s
CAS# latency=3
tCK3 , DQ’s
CLK
WRITE
COMMAND
BANK (S)
ROW
NOP
NOP
Precharge
NOP
NOP
Activate
BANK
COL n
DIN
nn+1
DQM
ADDRESS
DQ
tWR
tRP
: dont care
T0
T2
T1
T3
T4
T5
T6
Write Interrupted by a Write (Burst Length =4,CAS#Latency =2,3)
The Read command that interrupts a write burst without auto precharge function should be issued one cycle after
the clock edge in which the last data-in element is registered.In order to avoid data contention,input data must
be removed from the DQs at least one clock cycle before the first read data appears on the outputs (refer to the
following figure).Once the Read command is registered,the data inputs will be ignored and writes will not be
executed.
Write Interrupted by a Read (Burst Length =4,CAS#Latency =2,3)
The BankPrecharge/PrechargeAll command that interrupts a write burst without the auto precharge function
should be issued m cycles after the clock edge in which the last data-in element is registered,where m equals tWR/
tCK rounded up to the next whole number.In addition,the DQM signals must be used to mask input data,starting
with the clock edge following the last data-in element and ending with the clock edge on which the BankPrecharge/
PrechargeAll command is entered (refer to the following figure).
Note:The DQMs can remain low in this example if the length of the write burst is 1 or 2.
Write to Precharge


Similar Part No. - IS42S32160A-75BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32160B ISSI-IS42S32160B Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
IS42S32160B-6BL ISSI-IS42S32160B-6BL Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
IS42S32160B-6BLI ISSI-IS42S32160B-6BLI Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
IS42S32160B-6TL ISSI-IS42S32160B-6TL Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
IS42S32160B-6TLI ISSI-IS42S32160B-6TLI Datasheet
885Kb / 60P
   16M x 32 512Mb SYNCHRONOUS DRAM
More results

Similar Description - IS42S32160A-75BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32800B ISSI-IS42S32800B Datasheet
927Kb / 62P
   2M Words x 32 Bits x 4 Banks (256-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32200C1 ISSI-IS42S32200C1 Datasheet
608Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S32200C1 ISSI-IS45S32200C1 Datasheet
607Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32200B ISSI-IS42S32200B Datasheet
537Kb / 56P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S32200L ETC2-IS42S32200L Datasheet
1Mb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32200E ISSI-IS42S32200E Datasheet
981Kb / 59P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
42S32200 ISSI-42S32200 Datasheet
982Kb / 55P
   512K Bits x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com