Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16320B-7BLI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS42S16320B-7BLI
Description  64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16320B-7BLI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS42S16320B-7BLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16320B-7BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
Integrated Silicon Solution, Inc. — www.issi.com3
Rev. C
08/27/09
IS42S86400B, IS42/45S16320B
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
VDD
NC
WE
CAS
RAS
CS
BA0
BA1
A10
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VSS
DQ7
VSSQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
VSS
NC
DQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
PIN CONFIGURATIONS
54 pin TSOP - Type II for x8
PIN DESCRIPTIONS
A0-A12
RowAddressInput
A0-A9, A11
Column Address Input
BA0,BA1
BankSelectAddress
DQ0toDQ7
DataI/O
CLK
SystemClockInput
CKE
ClockEnable
CS
Chip Select
RAS
RowAddressStrobeCommand
CAS
Column Address Strobe Command
WE
WriteEnable
DQM
DataInput/OutputMask
Vdd
Power
Vss
Ground
Vddq
PowerSupplyforI/OPin
Vssq
GroundforI/OPin
NC
NoConnection


Similar Part No. - IS42S16320B-7BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16320D ISSI-IS42S16320D Datasheet
1Mb / 66P
   Internal bank for hiding row access/precharge
IS42S16320F ISSI-IS42S16320F Datasheet
1Mb / 68P
   8K refresh cycles every 64 ms
More results

Similar Description - IS42S16320B-7BLI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
   32M x 16 bit DDR Synchronous DRAM
logo
Etron Technology, Inc.
EM6AB160TSE-4G ETRON-EM6AB160TSE-4G Datasheet
560Kb / 62P
   32M x 16 bit DDR Synchronous DRAM
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM63B165TS-5ISG ETRON-EM63B165TS-5ISG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M8SA-7TCN ALSC-AS4C32M8SA-7TCN Datasheet
1Mb / 55P
   32M x 8 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM6GC16EWKE-15H ETRON-EM6GC16EWKE-15H Datasheet
835Kb / 85P
   64M x 16 bit DDR3 Synchronous DRAM (SDRAM)
EM68C16CWQG-18H ETRON-EM68C16CWQG-18H Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com