Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA482T67K65 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SA482T67K65
Description  PWM CONTROLLER WITH BUILTIN MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA482T67K65 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SA482T67K65 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA482T67K65 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA482T67K65 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA482T67K65 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA482T67K65 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA482T67K65 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SA482X67K65
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2007.07.05
Http: www.silan.com.cn
Page 4 of 7
(Continued)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Protection Section
Overvoltage Protection
Vovp
VCC 24V
25
27
29
V
Overheat Protection
Tsd
140
160
--
°C
Total Standby Current
Start Current
Istart
VCC=14V
--
100
170
µA
Supply Current (Control Part)
Iop
--
7
12
mA
PIN CONFIGURATION
PIN DESRIPTION
Pin No.
SA482P67K65
SA482T67K65
Pin name
Pin descriptions
6
7
8
2
Drain
Drain pins
1
1
GND
Ground.
3
3
VCC
Power supply pin.
4
4
FB
Feedback input pin.
2
5
--
NC
Not connect.
FUNCTION DESCRIPTIONS
SA482X67K65 is used for off-line SMPS with high voltage MOSFET and current mode PWM controller. The
PWM controller integrates the fixed frequency oscillator, the undervoltage lockout, the overvoltage protection, the
overcurrent protection, the temperature protection, and the leading edge blanking. SA482X67K65 need few
external components, increasing the efficiency and system reliability, suited for a flyback converter or a forward
converter.


Similar Part No. - SA482T67K65

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA48 PANJIT-SA48 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA48 CHONGQING-SA48 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA48 FCI-SA48 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA48 TSC-SA48 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA48 WTE-SA48 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA482T67K65

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SD686X SILAN-SD686X Datasheet
250Kb / 10P
   CURRENT MODE PWMPFM CONTROLLER WITH BUILTIN MOSFET
SC6105 SILAN-SC6105 Datasheet
386Kb / 8P
   VOLTAGE MODE PWM POWER SUPPLY WITH BUILTIN PROTECTION AND REGULATION
SC63C0316 SILAN-SC63C0316 Datasheet
288Kb / 24P
   AUDIO CONTROL SYSTEM WITH BUILTIN
logo
Advanced Power Electron...
APU3073 A-POWER-APU3073 Datasheet
164Kb / 17P
   SYNCHRONOUS PWM CONTROLLER WITH
logo
Texas Instruments
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI-LM5045_15 Datasheet
1Mb / 46P
[Old version datasheet]   Full-Bridge PWM Controller With Integrated MOSFET Drivers
logo
Renesas Technology Corp
ZSPM2000 RENESAS-ZSPM2000 Datasheet
669Kb / 43P
   True Digital PWM Controller with Integrated MOSFET Driver
January 27, 2016
logo
Texas Instruments
LM5045SQ TI-LM5045SQ Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com