Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC121NATR Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC121NATR
Description  LI BATTERY PROTECTION CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC121NATR Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

  SC121NATR Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC121NATR Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC121NATR Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC121NATR Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC121NATR Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC121NATR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC121NATR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC121NATR Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC121NATR Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SC121
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.6
2009.07.20
Http:// www.silan.com.cn
Page 9 of 9
PACKAGE OUTLINE
SOT-23-6
UNIT: mm
HANDLING MOS DEVICES:
Electrostatic charges can exist in many things. All of our MOS devices are internally protected against
electrostatic discharge but they can be damaged if the following precautions are not taken:
• Persons at a work bench should be earthed via a wrist strap.
• Equipment cases should be earthed.
• All tools used during assembly, including soldering tools and solder baths, must be earthed.
• MOS devices should be packed for dispatch in antistatic/conductive containers.
Disclaimer:
Silan reserves the right to make changes to the information herein for the improvement of the design and performance
without further notice!
All semiconductor products malfunction or fail with some probability under special conditions. When using Silan products
in system design or complete machine manufacturing, it is the responsibility of the buyer to comply with the safety
standards strictly and take essential measures to avoid situations in which a malfunction or failure of such Silan products
could cause loss of body injury or damage to property.
Silan will supply the best possible product for customers!


Similar Part No. - SC121NATR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC121 SEMTECH-SC121 Datasheet
335Kb / 23P
   Low Voltage Synchronous Boost Regulator
SC1210 SEMTECH-SC1210 Datasheet
158Kb / 9P
   High Speed, 12 V, Synchronous Power MOSFET Driver
logo
Socay Electornics Co., ...
SC1210 SOCAY-SC1210 Datasheet
1Mb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
logo
Bel Fuse Inc.
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
   SMD POWER INDUCTORS Open frame construction
logo
Littelfuse
SC1210-01ETG LITTELFUSE-SC1210-01ETG Datasheet
760Kb / 5P
   Bidirectional Discrete TVS Diode, General Purpose Surge Protection
Revised: 04/27/21
More results

Similar Description - SC121NATR

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC8261G SILAN-SC8261G Datasheet
402Kb / 9P
   LI BATTERY PROTECTION CIRCUIT
logo
Monolithic Power System...
MP2670 MPS-MP2670 Datasheet
386Kb / 12P
   Li-ion Battery Charger Protection Circuit
logo
Silan Microelectronics ...
SA1412 SILAN-SA1412 Datasheet
132Kb / 5P
   TWO CELL LI BATTERY PROTECTION CIRCUIT
logo
Monolithic Power System...
MP2671 MPS-MP2671 Datasheet
363Kb / 11P
   Li-ion Battery Charger Protection Circuit
logo
Silan Microelectronics ...
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
   ONE-CELL LI BATTERY PROTECTION CIRCUIT
logo
Monolithic Power System...
MP2674 MPS-MP2674 Datasheet
353Kb / 11P
   Li-Ion Battery Charger Protection Circuit
logo
Silan Microelectronics ...
SA45141 SILAN-SA45141 Datasheet
502Kb / 9P
   THREE OR FOUR-CELL LI BATTERY PROTECTION CIRCUIT
logo
Bourns Electronic Solut...
MF-SVS210-0 BOURNS-MF-SVS210-0 Datasheet
188Kb / 1P
   Li-ion Battery Controller Protection
logo
Monolithic Power System...
MP2678 MPS-MP2678 Datasheet
396Kb / 11P
   Li-Ion Battery Charger Protection Circuit With LDO Mode
logo
Unisonic Technologies
UB244A UTC-UB244A_15 Datasheet
179Kb / 11P
   LI-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com