Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45S16160D-7TLA2 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS45S16160D-7TLA2
Description  32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16160D-7TLA2 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS45S16160D-7TLA2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. B
06/11/09
IS42S83200D, IS42S16160D
IS45S83200D, IS45S16160D
PIN CONFIGURATIONS
54 pin TSOP - Type II for x16
PIN DESCRIPTIONS
A0-A12
RowAddressInput
A0-A8
ColumnAddressInput
BA0,BA1
BankSelectAddress
DQ0toDQ15
DataI/O
CLK
SystemClockInput
CKE
ClockEnable
CS
Chip Select
RAS
RowAddressStrobeCommand
CAS
Column Address Strobe Command
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
VDD
DQML
WE
CAS
RAS
CS
BA0
BA1
A10
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
VSS
NC
DQMH
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
WE
WriteEnable
DQML x16LowerByte,Input/OutputMask
DQMH x16UpperByte,Input/OutputMask
Vdd
Power
Vss
Ground
Vddq
PowerSupplyforI/OPin
Vssq
GroundforI/OPin
NC
NoConnection


Similar Part No. - IS45S16160D-7TLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16160C ISSI-IS45S16160C Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S16160C-75TLA1 ISSI-IS45S16160C-75TLA1 Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S16160C-7TLA1 ISSI-IS45S16160C-7TLA1 Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S16160G ISSI-IS45S16160G Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
IS45S16160G-6BLA1 ISSI-IS45S16160G-6BLA1 Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
More results

Similar Description - IS45S16160D-7TLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200G ISSI-IS42S83200G Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Circuit Solu...
IS42LS81600A ICSI-IS42LS81600A Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
42S16800A ISSI-42S16800A Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com