Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC15XS3400CPNA Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC15XS3400CPNA
Description  Quad High Side Switch (Quad 15 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC15XS3400CPNA Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC15XS3400CPNA Datasheet HTML 1Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 2Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 3Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 4Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 5Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 6Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Document Number: MC15XS3400
Rev. 9.0, 10/2009
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2008 - 2009. All rights reserved.
Quad High Side Switch
(Quad 15 mOhm)
The 15XS3400 is one in a family of devices designed for low-voltage
automotive lighting applications. Its four low RDS(ON) MOSFETs (quad
15 mOhm) can control four separate 55 W / 28 W bulbs, and/or Xenon
modules, and/or LEDs.
Programming, control and diagnostics are accomplished using a
16-bit SPI interface. Its output with selectable slew-rate improves
electromagnetic compatibility (EMC) behavior. Additionally, each
output has its own parallel input or SPI control for pulse-width
modulation (PWM) control if desired. The 15XS3400 allows the user to
program via the SPI the fault current trip levels and duration of
acceptable lamp inrush. The device has Fail-safe mode to provide fail-
safe functionality of the outputs in case of MCU damaged.
Features
• Four protected 15 m
Ω high side switches (at 25°C)
• Operating voltage range of 6.0 V to 20 V with standby current
< 5.0
μA, extended mode from 4.0 V to 28 V
•8.0 MHz 16-bit 3.3 V and 5.0 V SPI control and status reporting
with daisy chain capability
• PWM module using external clock or calibratable internal
oscillator with programmable outputs delay management
• Smart over-current shutdown, severe short-circuit, over-
temperature protections with time limited autoretry, and Fail-safe
mode in case of MCU damage
• Output OFF or ON open-load detection compliant to bulbs or leds
and short to battery detection. Analog current feedback with
selectable ratio and board temperature feedback.
• Pb-free packaging designated by suffix code DPNA
Figure 1. 15XS3400 Simplified Application Diagram
HIGH SIDE SWITCH
PNA SUFFIX
98ARL10596D
24-PIN PQFN
15XS3400
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC15XS3400CPNA
-40°C to 125°C
24 PQFN
MC15XS3400DPNA
MCU
15XS3400
VDD
VDD
VPWR VDD
VPWR
WAKE
FS
SCLK
CS
SO
RST
SI
IN0
IN1
IN2
IN3
CSNS
FSI
GND
VDD
VPWR
HS0
HS1
HS2
HS3
LOAD
I/O
SCLK
CS
SI
I/O
SO
I/O
I/O
I/O
I/O
A/D
GND
LOAD
LOAD
LOAD


Similar Part No. - MC15XS3400CPNA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC15XS3400CPNA FREESCALE-MC15XS3400CPNA Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
More results

Similar Description - MC15XS3400CPNA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
logo
NXP Semiconductors
MC09XS3400 NXP-MC09XS3400 Datasheet
1Mb / 51P
   Quad high-side switch (9.0 mOhm)
Rev. 5.0, 8/2018
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com