Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC15XS3400 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC15XS3400
Description  Quad High Side Switch (Quad 15 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC15XS3400 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC15XS3400 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC15XS3400 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
15XS3400
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. Device Variations
Characteristic
Symbol
Min
Typ
Max
Unit
Wake Input Clamp Voltage, ICL(WAKE) < 2.5 mA
15XS3400C
15XS3400D
VCL(WAKE)
18
20
25
27
32
35
V
Fault Detection Blanking Time
15XS3400C
15XS3400D
tFAULT
-
-
5.0
5.0
20
10
μs
Output Shutdown Delay Time
15XS3400C
15XS3400D
tDETECT
-
-
7.0
7.0
30
20
μs
Peak Package Reflow Temperature During Reflow(1), (2)
TPPRT
Note 2
°C
1.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
2.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts (i.e. MC33xxxD enter 33xxx), and review parametrics.


Similar Part No. - MC15XS3400

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
MC15XS3400CHFK FREESCALE-MC15XS3400CHFK Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
MC15XS3400CPNA FREESCALE-MC15XS3400CPNA Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
MC15XS3400DHFK FREESCALE-MC15XS3400DHFK Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
More results

Similar Description - MC15XS3400

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
logo
NXP Semiconductors
MC09XS3400 NXP-MC09XS3400 Datasheet
1Mb / 51P
   Quad high-side switch (9.0 mOhm)
Rev. 5.0, 8/2018
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com