Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XF33 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2XF33
Description  High Performance LVDS Oscillator with Frequency Margining - Pin Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF33 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2XF33 Datasheet HTML 1Page - Cypress Semiconductor CY2XF33 Datasheet HTML 2Page - Cypress Semiconductor CY2XF33 Datasheet HTML 3Page - Cypress Semiconductor CY2XF33 Datasheet HTML 4Page - Cypress Semiconductor CY2XF33 Datasheet HTML 5Page - Cypress Semiconductor CY2XF33 Datasheet HTML 6Page - Cypress Semiconductor CY2XF33 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRELIMINARY
CY2XF33
Document Number: 001-53148 Rev. *B
Page 3 of 7
Absolute Maximum Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply Voltage
–0.5
4.4
V
VIN[1]
Input Voltage, DC
Relative to VSS
–0.5
VDD+0.5
V
TS
Temperature, Storage
Non operating
–55
135
°C
TJ
Temperature, Junction
–40
135
°C
ESDHBM
ESD Protection (Human Body Model)
JEDEC STD 22-A114-B
2000
V
ΘJA[2]
Thermal Resistance, Junction to Ambient
0 m/s airflow
64
°C/W
Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
3.3V Supply Voltage Range
3.135
3.3
3.465
V
2.5V Supply Voltage Range
2.375
2.5
2.625
V
TPU
Power Up Time for VDD to Reach Minimum Specified Voltage (Power Ramp
is Monotonic)
0.05
500
ms
TA
Ambient Temperature (Commercial)
0
70
°C
Ambient Temperature (Industrial)
–40
85
°C
Notes
1. The voltage on any input or IO pin cannot exceed the power pin during power up.
2. Simulated. The board is derived from the JEDEC multilayer standard. It measures 76 x 114 x 1.6 mm and has 4-layers of copper (2/1/1/2 oz.). The internal layers
are 100% copper planes, while the top and bottom layers have 50% metalization. No vias are included in the model.
3. IDD includes ~4 mA of current that is dissipated externally in the output termination resistors.
4. Not 100% tested, guaranteed by design and characterization.
DC Electrical Characteristics
Parameter
Description
Condition
Min
Typ
Max
Unit
IDD[3]
Operating Supply Current
VDD = 3.465V, CLK = 150 MHz, output
terminated
120
mA
VDD = 2.625V, CLK = 150 MHz, output
terminated
––
115
mA
VOD
LVDS Differential Output Voltage
VDD = 3.3V or 2.5V, defined in Figure 3
as terminated in Figure 2
247
454
mV
ΔVOD
Change in VOD between Comple-
mentary Output States
VDD = 3.3V or 2.5V, defined in Figure 3
as terminated in Figure 2
––
50
mV
VOS
LVDS Offset Output Voltage
VDD = 3.3V or 2.5V, defined in Figure 4
as terminated in Figure 2
1.125
1.375
V
ΔVOS
Change in VOS between Comple-
mentary Output States
VDD = 3.3V or 2.5V, RTERM = 100Ω
between CLK and CLK#
––
50
mV
VIH
Input High Voltage
0.7*VDD
––
V
VIL
Input Low Voltage
0.3*VDD
V
IIH0
Input High Current, FS0 pin
Input = VDD
––
115
μA
IIH1
Input High Current, FS1 pin
Input = VDD
––
10
μA
IIL0
Input Low Current, FS0 pin
Input = VSS
–50
μA
IIL1
Input Low Current, FS1 pin
Input = VSS
–20
μA
CIN0[4]
Input Capacitance, FS0 pin
15
pF
CIN1[4]
Input Capacitance, FS1 pin
4
pF
[+] Feedback


Similar Part No. - CY2XF33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF33 CYPRESS-CY2XF33 Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
CY2XF33FLXCT CYPRESS-CY2XF33FLXCT Datasheet
367Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF33FLXCT CYPRESS-CY2XF33FLXCT Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
CY2XF33FLXIT CYPRESS-CY2XF33FLXIT Datasheet
367Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF33FLXIT CYPRESS-CY2XF33FLXIT Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
More results

Similar Description - CY2XF33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF33 CYPRESS-CY2XF33_11 Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
CY2XF23 CYPRESS-CY2XF23 Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF23 CYPRESS-CY2XF23_11 Datasheet
490Kb / 16P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF32 CYPRESS-CY2XF32 Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32 CYPRESS-CY2XF32_11 Datasheet
268Kb / 10P
   High Performance CMOS Oscillator with Frequency Margining ??Pin Control
CY2XF34 CYPRESS-CY2XF34 Datasheet
419Kb / 10P
   High Performance LVPECL Oscillator with Frequency Margining - Pin Control
CY2XF34_1106 CYPRESS-CY2XF34_1106 Datasheet
231Kb / 12P
   High Performance LVPECL Oscillator with Frequency Margining ??Pin Control
CY2XF24 CYPRESS-CY2XF24_11 Datasheet
385Kb / 17P
   High Performance LVPECL Oscillator with Frequency Margining ??I2C Control
logo
Maxim Integrated Produc...
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
TEMEX
RV1490HF TEMEX-RV1490HF Datasheet
668Kb / 10P
   High Performance High Frequency Fundamental Voltage Control Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com