Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C5128AL-10KLI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61C5128AL-10KLI
Description  512K x 8 HIGH-SPEED CMOS STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C5128AL-10KLI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61C5128AL-10KLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C5128AL-10KLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C5128AL-10KLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C5128AL-10KLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C5128AL-10KLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C5128AL-10KLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C5128AL-10KLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C5128AL-10KLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C5128AL-10KLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. B
03/04/2008
IS61C5128AL/AS
IS64C5128AL/AS
HIGH SPEED OPTION (IS61/64C5128AL)
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-10 ns
-12 ns
Symbol Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
ICC1
VDD Operating
VDD = VDD MAX.,
CE = VIL
Com.
—45
45
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
—50
50
Auto.
—55
55
ICC2
VDD Dynamic Operating
VDD = VDD MAX.,
CE = VIL
Com.
—50
45
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
—55
50
Auto.
—70
60
typ.(2)
30
25
ISB1
TTL Standby Current
VDD = VDD MAX.,
Com.
—15
15
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
—20
20
CE
≥ VIH, f = 0
Auto.
—30
30
ISB2
CMOS Standby
VDD = VDD MAX.,
Com.
—8
8
mA
Current (CMOS Inputs)
CE
≤ VDD – 0.2V,
Ind.
—12
12
VIN
≥ VDD – 0.2V, or
Auto.
—20
20
VIN
≤ 0.2V, f = 0
typ.(2)
2
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 5V, TA = 25% and not 100% tested.
LOW POWER OPTION (IS61/64C5128AS)
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-25 ns
Symbol Parameter
TestConditions
Min.
Max.
Unit
ICC
Averageoperating
CE=VIL,VDD=Max.
Com.
10
mA
Current
I OUT= 0 mA, f= 0
Ind.
15
Auto.
20
ICC1VDDDynamicOperating
VDD =Max.,
CE=VIL
Com.
25
mA
SupplyCurrent
IOUT = 0 mA, f = fMAX
Ind.
30
Auto.
40
typ.(2)
15
ISB1
TTLStandbyCurrent
VDD=Max.,
Com.
1
mA
(TTLInputs)
VIN =VIH orVIL,
CE
≥VIH,
Ind.
1.5
f = 0
Auto.
2
ISB2
CMOSStandby
VDD=Max.,
Com.
0.8
mA
Current(CMOSInputs)
CE
≥ VDD–0.2V,
Ind.
0.9
VIN
≥VDD–0.2V,
Auto.
2
or VIN
≤VSS+0.2V, f=0
typ.
0.2
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 5V, TA = 25% and not 100% tested.


Similar Part No. - IS61C5128AL-10KLI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15J ICSI-IS61C512-15J Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15JI ICSI-IS61C512-15JI Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15N ICSI-IS61C512-15N Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15NI ICSI-IS61C512-15NI Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C5128AL-10KLI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
   HIGH SPEED 512K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61LV5128 ICSI-IC61LV5128 Datasheet
157Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
   512K X 8, CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com