Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C199D Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C199D
Description  256K (32K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199D Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C199D_09 Datasheet HTML 4Page - Cypress Semiconductor CY7C199D_09 Datasheet HTML 5Page - Cypress Semiconductor CY7C199D_09 Datasheet HTML 6Page - Cypress Semiconductor CY7C199D_09 Datasheet HTML 7Page - Cypress Semiconductor CY7C199D_09 Datasheet HTML 8Page - Cypress Semiconductor CY7C199D_09 Datasheet HTML 9Page - Cypress Semiconductor CY7C199D_09 Datasheet HTML 10Page - Cypress Semiconductor CY7C199D_09 Datasheet HTML 11Page - Cypress Semiconductor CY7C199D_09 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CY7C199D
Document #: 38-05471 Rev. *E
Page 8 of 12
Truth Table
CE
WE
OE
Inputs/Outputs
Mode
Power
H
X
X
High Z
Deselect/Power down
Standby (ISB)
L
H
L
Data Out
Read
Active (ICC)
L
L
X
Data In
Write
Active (ICC)
L
H
H
High Z
Deselect, Output disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
10
CY7C199D-10VXI
51-85031
28-pin (300-Mil) Molded SOJ (Pb-Free)
Industrial
CY7C199D-10ZXI
51-85071
28-pin TSOP Type I (Pb-free)
25
CY7C199D-25SXE
51-85026
28-pin (300-Mil) SOIC (Pb-Free)
Automotive-E
Please contact your local Cypress sales representative for availability of these parts.
Package Diagrams
Figure 4. 28-Pin (300-Mil) Molded SOJ
MIN.
MAX.
PIN 1 ID
0.291
0.300
0.050
TYP.
0.007
0.013
0.330
0.350
0.120
0.140
0.025 MIN.
0.262
0.272
0.697
0.713
0.013
0.019
0.014
0.020
0.032
0.026
A
A
DETAIL
EXTERNAL LEAD DESIGN
OPTION 1
OPTION 2
1
14
15
28
0.004
SEATING PLANE
NOTE :
1. JEDEC STD REF MO088
2. BODY LENGTH DIMENSION DOES NOT INCLUDE MOLD PROTRUSION/END FLASH
MOLD PROTRUSION/END FLASH SHALL NOT EXCEED 0.006 in (0.152 mm) PER SIDE
3. DIMENSIONS IN INCHES
51-85031-*C
[+] Feedback


Similar Part No. - CY7C199D_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
931Kb / 10P
   256K (32K x 8) Static RAM
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
476Kb / 14P
   256 K (32 K x 8) Static RAM Automatic power-down when deselected
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10ZXI CYPRESS-CY7C199D-10ZXI Datasheet
931Kb / 10P
   256K (32K x 8) Static RAM
CY7C199D-10ZXI CYPRESS-CY7C199D-10ZXI Datasheet
476Kb / 14P
   256 K (32 K x 8) Static RAM Automatic power-down when deselected
More results

Similar Description - CY7C199D_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com