Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA0520N3505A Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # MA0520N3505A
Description  Broadband Limiting Amplifiers 0.5 to 18GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

MA0520N3505A Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  MA0520N3505A Datasheet HTML 1Page - American Accurate Components, Inc. MA0520N3505A Datasheet HTML 2Page - American Accurate Components, Inc. MA0520N3505A Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Broadband Limiting Amplifiers 0.5 to 18GHz
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
3
American Accurate Components, Inc.
Amplifiers
Coaxial
Broadband Limiting Amplifiers
0.5 to 18GHz
Continued
P /N
F req . R ange
(G Hz )
Input P ow er
R ange
(d B m )
N o ise Figure
(d B )
M ax
S aturated
P out
(d B m )
Flatnes s
(d B )
M ax
V S W R
M ax
C urrent
+ 12V (m A)
Typ
C ase
M A 8018N 4010
8.0 - 1 8.0
-40 - + 10
6.0
8/13
± 1.8
2:1
250
8L
M A 8018N 5005
8.0 - 1 8.0
-50 - + 5
6.0
12/17
± 1.8
2:1
400
8L
M A 8018N 5010
8.0 - 1 8.0
-50 - + 10
6.0
8/13
± 1.8
2:1
350
8L
Notes:
1. Operating Temperature: -55
OC to +85 OC. Storage Temperature: -60 OC to +90 OC.
2. All products have built-in voltage regulators, which can operate from +10V to +18VDC.
3. Many kinds of cases are in stock; such as 08,10,46,55 and so on, special housings are available.
4. Connectors for MH case are detachable, insulator input and output after removal of connectors.
5. Maximum input power level is 20dBm for CW, or 30dBm for pulse with 1 µ s PW and 1% duty cycle.
6. Custom Design Available


Similar Part No. - MA0520N3505A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05207 GOLLEDGE-MA05207 Datasheet
134Kb / 1P
   5V OCXO HCMOS Low Profile
MA05208 GOLLEDGE-MA05208 Datasheet
134Kb / 1P
   5V OCXO HCMOS Low Profile
More results

Similar Description - MA0520N3505A

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
CA0510N1610 AAC-CA0510N1610 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
   BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
   Broadband Voltage Controlled Oscillators 2 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
logo
Transcom, Inc.
TPD02-0.5G18S TRANSCOM-TPD02-0.5G18S Datasheet
78Kb / 1P
   0.5-18GHz 2-Way Power Divider
logo
Maxim Integrated Produc...
MAX2612 MAXIM-MAX2612_V01 Datasheet
635Kb / 11P
   40MHz to 4GHz Linear Broadband Amplifiers
2019
MAX2612 MAXIM-MAX2612 Datasheet
2Mb / 10P
   40MHz to 4GHz Linear Broadband Amplifiers
Rev 0; 5/12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com