Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61VPS102436A Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61VPS102436A
Description  1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61VPS102436A Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61VPS102436A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61VPS102436A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61VPS102436A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61VPS102436A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61VPS102436A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61VPS102436A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61VPS102436A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61VPS102436A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61VPS102436A Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
Integrated Silicon Solution, Inc.
Rev. B
03/27/08
IS61VPS102436A, IS61LPS102436A,IS61VPS204818A,IS61LPS204818A
DQPb
DQb
DQb
VDDQ
VSS
DQb
DQb
DQb
DQb
VSS
VDDQ
DQb
DQb
VSS
NC
VDD
ZZ
DQa
DQa
VDDQ
VSS
DQa
DQa
DQa
DQa
VSS
VDDQ
DQa
DQa
DQPa
DQPc
DQc
DQc
VDDQ
VSS
DQc
DQc
DQc
DQc
VSS
VDDQ
DQc
DQc
NC
VDD
NC
VSS
DQd
DQd
VDDQ
VSS
DQd
DQd
DQd
DQd
VSS
VDDQ
DQd
DQd
DQPd
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
A
Synchronous Address Inputs
ADSC
Synchronous Controller Address
Status
ADSP
Synchronous Processor Address
Status
ADV
Synchronous Burst Address Advance
BWa-BWd
Synchronous Byte Write Enable
BWE
Synchronous Byte Write Enable
CE, CE2, CE2 Synchronous Chip Enable
CLK
Synchronous Clock
DQa-DQd
Synchronous Data Input/Output
DQPa-DQPd
Parity Data Input/Output
GW
Synchronous Global Write Enable
MODE
Burst Sequence Mode Selection
OE
Output Enable
VDD
3.3V/2.5V Power Supply
VDDQ
Isolated Output Buffer Supply:
3.3V/2.5V
Vss
Ground
ZZ
Snooze Enable
PIN CONFIGURATION
1M x 36
100-PIN TQFP


Similar Part No. - IS61VPS102436A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPS102418A ISSI-IS61VPS102418A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102418A ISSI-IS61VPS102418A Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102418A-200B2 ISSI-IS61VPS102418A-200B2 Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102418A-200B2 ISSI-IS61VPS102418A-200B2 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61VPS102418A-200B2I ISSI-IS61VPS102418A-200B2I Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
More results

Similar Description - IS61VPS102436A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61VPS25636A ISSI-IS61VPS25636A Datasheet
209Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPD25636A ISSI-IS61VPD25636A Datasheet
208Kb / 32P
   256K x 36, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A_13 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
IS61LPS25636A-200B3LI ISSI-IS61LPS25636A-200B3LI Datasheet
630Kb / 35P
   9 Mb SYNCHRONOUS PIPELINED, Single CYCLE DESELECT STATIC RAM
IS61SPD25632T ISSI-IS61SPD25632T Datasheet
154Kb / 22P
   256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com