Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS06A03T1V1 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # MS06A03T1V1
Description  MS Low Capacitance MAX Guard짰 ESD Suppressor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

MS06A03T1V1 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  MS06A03T1V1 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
American Accurate Components, Inc.
MS Low Capacitance MAX Guard® ESD Suppressor
The content of this specification may change without notification 10/12/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Low capacitance (<0.2pF)
Ultra low leakage current (<1nA)
Fast response time
Bi-direction device
Cell / smart phone
Computers / Laptops
Digital cameras
PDA’s
Plasma display panels / LCD / TVs/
HDTVs
Mp3 / Multimedia players
Scanner / Printer
High speed data ports USB 2.0,
IEEE1394
ELECTRICAL CHARACTERISTICS
Type
Continuous
Operating
Voltage
(Max.)
ESD
Capability
Trigger
Voltage
(Typ.)
Clamping
Voltage
(Typ.)
Capacitance
Leakage
Current
(Typ.)
Response
Time
ESD Pulse
Withstand
(Typ.)
MS04A03T1V1
MS06A03T1V1
150v
17v
MS04A03T2V2
MS06A03T2V2
3.3 VDC
250v
25v
MS04A05T1V1
MS06A05T1V1
150v
17v
MS04A05T2V2
MS06A05T2V2
5.5 VDC
250v
25v
MS04A12T2V2
150v
17v
MS06A12T2V2
250v
25v
MS06A12T1V1
150v
17v
MS06A12T2V2
12 VDC
250v
25v
MS04A24T2V2
150v
17v
MS06A24T2V2
250v
25v
MS06A24T1V1
150v
17v
MS06A24T2V2
24 VDC
Direct
Discharge:
8KV
Air
Discharge:
15KV
250v
25v
<0.05pF
<1nA
<1ns
>1000 pulses
The function meets with the requirement of IEC 61000-4-2 specification.
Trigger measurement made using Transmission Line Pulse method.
Capacitance measured at 1 M~1.8 GHz.
Performing under IEC 61000-4-2 level 4 (8KV contact discharge, 15KV air discharge).
FEATURES
HOW TO ORDER
MS
06
A
05
T
2
V2
Product
Code
Size
Tolerance
Operating
Voltage
Packaging
Typical
Clamping
Voltage
Typical
Trigger
Voltage
MAX Guard
Suppressor
04:
0402
(1005)
06:
0603
(1608)
A: Suit For
IEC6100-4-2
C: Suit For
IEC6100-4-2
& AEC-Q200
03: 3.3V
05: 5.5V
12: 12V
24: 24V
T: Paper
Tape
(5K/10K)
1: 17V
2: 25V
V1: 150V V2:
250V
APPLICATIONS
SCHEMATIC
DIMENSIONS (mm)
Size
L
W
C
D
T
MS04 (0402)
1.00
±0.1
0.50
±0.05
0.20
±0.1
0.25
±0.1
0.35
±0.05
MS06 (0603)
1.55
±0.1
0.80
±0.1
0.30
±0.2
0.30
±0.2
0.45
±0.1


Similar Part No. - MS06A03T1V1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MS06A10-32PW ITT-MS06A10-32PW Datasheet
2Mb / 25P
   KPSE High performance crimp contact connectors
MS06A10-32PX ITT-MS06A10-32PX Datasheet
2Mb / 25P
   KPSE High performance crimp contact connectors
MS06A10-32PZ ITT-MS06A10-32PZ Datasheet
2Mb / 25P
   KPSE High performance crimp contact connectors
MS06A10-32SW ITT-MS06A10-32SW Datasheet
2Mb / 25P
   KPSE High performance crimp contact connectors
MS06A10-32SX ITT-MS06A10-32SX Datasheet
2Mb / 25P
   KPSE High performance crimp contact connectors
More results

Similar Description - MS06A03T1V1

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
MSA24A03T1V1 AAC-MSA24A03T1V1 Datasheet
66Kb / 1P
   MSA Low Capacitance MAX Guard짰 ESD Suppressor Array
UMSA04A03T1V1 AAC-UMSA04A03T1V1 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
logo
NXP Semiconductors
BZA900AVL NXP-BZA900AVL Datasheet
177Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA856AVL PHILIPS-BZA856AVL Datasheet
191Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Nexperia B.V. All right...
BZA800AVL_SERIES NEXPERIA-BZA800AVL_SERIES Datasheet
220Kb / 12P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
NXP Semiconductors
BZA900AVL PHILIPS-BZA900AVL Datasheet
85Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Nexperia B.V. All right...
BZA900AVL_SER NEXPERIA-BZA900AVL_SER Datasheet
389Kb / 12P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
NXP Semiconductors
BZA800AVL NXP-BZA800AVL Datasheet
191Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Nexperia B.V. All right...
BZA800AVL_SER NEXPERIA-BZA800AVL_SER Datasheet
220Kb / 12P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
NXP Semiconductors
BZA900AVL PHILIPS-BZA900AVL_15 Datasheet
177Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com