Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LF204818A-6.5B3I Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61LF204818A-6.5B3I
Description  36Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LF204818A-6.5B3I Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61LF204818A-6.5B3I Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LF204818A-6.5B3I Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LF204818A-6.5B3I Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LF204818A-6.5B3I Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LF204818A-6.5B3I Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LF204818A-6.5B3I Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LF204818A-6.5B3I Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LF204818A-6.5B3I Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LF204818A-6.5B3I Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Integrated Silicon Solution, Inc.
7
Rev. B
04/17/08
IS61LF102436A IS61LF204818A
IS61VF102436A IS61VF204818A
A
NC
NC
VDDQ
VSS
NC
DQPa
DQa
DQa
VSS
VDDQ
DQa
DQa
VSS
NC
VDD
ZZ
DQa
DQa
VDDQ
VSS
DQa
DQa
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSS
NC
NC
DQb
DQb
VSS
VDDQ
DQb
DQb
NC
VDD
NC
VSS
DQb
DQb
VDDQ
VSS
DQb
DQb
DQPb
NC
VSS
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PIN CONFIGURATION
2M x 18
100-Pin TQFP
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pinsmusttiedtothetwoLSBsofthe
address bus.
A
Synchronous Address Inputs
ADSC
Synchronous Controller Address Status
ADSP
SynchronousProcessorAddressStatus
ADV
SynchronousBurstAddressAdvance
BWa
-BWb
SynchronousByteWriteEnable
BWE
SynchronousByteWriteEnable
CE
,CE2,CE2 SynchronousChipEnable
CLK
Synchronous Clock
DQa-DQb
SynchronousDataInput/Output
DQPa-DQPb
ParityDataI/O;DQPaisparityfor
DQa1-8;DQPbisparityforDQb1-8
Vss
Ground
GW
SynchronousGlobalWriteEnable
MODE
BurstSequenceModeSelection
OE
OutputEnable
Vdd
3.3v/2.5vPowerSupply
Vddq
IsolatedOutputBufferSupply:
3.3v/2.5v
ZZ
SnoozeEnable


Similar Part No. - IS61LF204818A-6.5B3I

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF204836B ISSI-IS61LF204836B Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF204836B-6.5B2 ISSI-IS61LF204836B-6.5B2 Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF204836B-6.5B2I ISSI-IS61LF204836B-6.5B2I Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF204836B-6.5B2L ISSI-IS61LF204836B-6.5B2L Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61LF204836B-6.5B2LI ISSI-IS61LF204836B-6.5B2LI Datasheet
1Mb / 34P
   2M x 36, 4M x 18 72 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results

Similar Description - IS61LF204818A-6.5B3I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
GSI Technology
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E-V GSI-GS8321Z18E-V Datasheet
1Mb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8322ZV18B GSI-GS8322ZV18B Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z36AGD-250IV GSI-GS8321Z36AGD-250IV Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z36AGT-200I GSI-GS8320Z36AGT-200I Datasheet
246Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
List of Unclassifed Man...
GS8320Z36T-166 ETC-GS8320Z36T-166 Datasheet
643Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8321ZV18 GSI-GS8321ZV18 Datasheet
800Kb / 31P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com