Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NLP12832B-200B2 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61NLP12832B-200B2
Description  128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NLP12832B-200B2 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61NLP12832B-200B2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NLP12832B-200B2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Integrated Silicon Solution, Inc. — www.issi.com5
Rev. D
09/10/07
IS61NLP12832B
IS61NLP12836B/IS61NVP12836B
IS61NLP25618A/IS61NVP25618A
119-PIN PBgA PACKAgE CONFIGURATION
128K x 36 (TOP VIEW)
1
2
3
4
5
6
7
A
A
BW
b
B
NC
C
NC
D
DQc
DQPc
Vss
E
DQc
DQc
Vss
F
VDDQ
DQc
G
DQc
DQc
H
DQc
DQc
J
VDDQ
VDD
K
DQd
DQd
L
DQd
DQd
M
VDDQ
DQd
N
DQd
DQd
Vss
P
NC
DQPd
R
A
CE2
MODE
A0*
A
A
A
VSS
VSS
VSS
VSS
BW
d
VSS
VSS
VSS
NC
NC
VDD
VDD
VDD
VDD
NC
Vss
Vss
Vss
Vss
Vss
NC
CE
2
NC
A
NC
T
U
VDDQ
NC
VDDQ
DQd
A
NC
NC
NC
A
A
BW
c
NC
A1*
CKE
NC
CLK
NC
WE
NC
OE
CE
NC
ADV
NC
A
NC
BW
a
A
A
A
DQPa
DQa
DQa
DQa
DQa
DQb
DQb
DQb
DQb
DQPb
A
A
VDDQ
ZZ
DQa
DQa
VDDQ
DQa
DQa
VDDQ
DQb
DQb
VDDQ
DQb
DQb
NC
VDDQ
VSS
Note:A0andA1arethetwoleastsignificantbits(LSB)oftheaddressfieldandsettheinternalburstcounterifburstisdesired.
PIN DESCRIPTIONS
Symbol
PinName
A
Address Inputs
A0,A1
SynchronousBurstAddressInputs
ADV
SynchronousBurstAddressAdvance/
Load
WE
SynchronousRead/WriteControl
Input
CLK
SynchronousClock
CKE
Clock Enable
CE
Synchronous Chip Select
CE
2
Synchronous Chip Select
CE2
Synchronous Chip Select
BW
x(x=a-d)
SynchronousByteWriteInputs
OE
Output Enable
ZZ
PowerSleepMode
MODE
BurstSequenceSelection
Vdd
PowerSupply
VSS
Ground
NC
NoConnect
DQa-DQd
DataInputs/Outputs
DQPa-Pd
ParityDataI/O
Vddq
OutputPowerSupply


Similar Part No. - IS61NLP12832B-200B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP12832 ISSI-IS61NLP12832 Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133B ISSI-IS61NLP12832-133B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-133TQ ISSI-IS61NLP12832-133TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5B ISSI-IS61NLP12832-5B Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
IS61NLP12832-5TQ ISSI-IS61NLP12832-5TQ Datasheet
154Kb / 20P
   PIPELINE NO WAIT STATE BUS SRAM
More results

Similar Description - IS61NLP12832B-200B2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NF25618-8.5TQ ISSI-IS61NF25618-8.5TQ Datasheet
129Kb / 20P
   128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
logo
GSI Technology
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
logo
Integrated Silicon Solu...
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com