Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN11300APLG Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SN11300APLG
Description  3 In 1 USB Audio Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11300APLG Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SN11300APLG Datasheet HTML 6Page - SONiX Technology Company SN11300APLG Datasheet HTML 7Page - SONiX Technology Company SN11300APLG Datasheet HTML 8Page - SONiX Technology Company SN11300APLG Datasheet HTML 9Page - SONiX Technology Company SN11300APLG Datasheet HTML 10Page - SONiX Technology Company SN11300APLG Datasheet HTML 11Page - SONiX Technology Company SN11300APLG Datasheet HTML 12Page - SONiX Technology Company SN11300APLG Datasheet HTML 13Page - SONiX Technology Company SN11300APLG Datasheet HTML 14Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Data Sheet
3 In 1 USB Audio Controller
SN11300
Sonix Confidential
Do not copy, reproduce, or distribute without permission
2008 Mar 6, V1.3
- 9 -
4.4 Pin assignment and description (48-pin LQFP)
Pin#
48
Pin name
Pin Type
Description
1
VDDA33_PLL
AP
PLL IO 3.3 V power pin
2
VDDA18_PLL
AP
PLL core 1.8 V power pin
3
LF_PLL
AIO
Filter for internal PLL
4
VSSA_PLL
AP
PLL GND
5
DM
AIO
USB data minus
6
DP
AIO
USB data plus
7
VDDA
AP
3.3 V VDD of regulator
8
VDDAL
AP
1.8 V regulator output
9
GND
DP
Core ground
10
RS_SPIMISO
I/O, 4 mA
LCM Data/Register select pin
or EEPROM data input
11
SPISS0
O, 4 mA, SR
EEPROM chip select, low
active
12
LCMDB6_SPICLK
I/O, 4 mA
LCM data6 pin or EEPROM
clock pin
13
LCMDB7_SPIMOSI I/O, 4 mA
LCM data7 pin or EEPROM
data output
14
GPIOA4
I/O, 4 mA
GPIOA4 pin
15
VDDDP
DP
3.3 V I/O power
16
VSSDP
DP
3.3 V I/O ground
17
GPIOA3
I/O, 4 mA
GPIOA3 pin
18
GPIOA2
I/O, 4 mA
GPIOA2 pin
19
GPIOA1
I/O, 4 mA
GPIOA1 pin
20
GPIOA0
I/O, 4 mA
GPIOA0 pin
21
RSTN
I, ST
System reset pin, low active
22
AD_VDDD1
AP
3.3 V VDD of regulator for
CODEC(ADC and DAC)
23
AD_VDDL1
AP
1.8 V regulator output for
CODEC(ADC and DAC)
24
VSSA_ADC_IO
AP
ADC I/O ground
25
VDDA33_ADC
AP
ADC I/O 3.3 V power


Similar Part No. - SN11300APLG

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
SN11+10210FA JDSU-SN11+10210FA Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210FP JDSU-SN11+10210FP Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210LC JDSU-SN11+10210LC Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210MU JDSU-SN11+10210MU Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210NC JDSU-SN11+10210NC Datasheet
177Kb / 3P
   Fiberoptic Switch
More results

Similar Description - SN11300APLG

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
   USB Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
   USB AUDIO Controller
logo
ELAN Microelectronics C...
EKA8564A EMC-EKA8564A Datasheet
255Kb / 16P
   USB Audio Controller
EKA8566A EMC-EKA8566A Datasheet
657Kb / 37P
   USB Audio Controller
logo
Nuvoton Technology Corp...
W681308 NUVOTON-W681308 Datasheet
981Kb / 64P
   USB AUDIO CONTROLLER
logo
SONiX Technology Compan...
SN11220ACF SONIX-SN11220ACF Datasheet
1Mb / 34P
   USB Audio Controller
SN11112 SONIX-SN11112 Datasheet
328Kb / 24P
   USB AUDIO CONTROLLER
SN11113 SONIX-SN11113 Datasheet
266Kb / 22P
   USB AUDIO CONTROLLER
logo
C-Media Electronics
CM101S++ CMEDIA-CM101S+ Datasheet
682Kb / 22P
   USB 2CH Audio Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com