Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61NVP204818A Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61NVP204818A
Description  1Mb x 36 and 2Mb x 18 STATE BUS SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVP204818A Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61NVP204818A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61NVP204818A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NVP204818A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NVP204818A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NVP204818A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NVP204818A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NVP204818A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NVP204818A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NVP204818A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
09/13/07
IS61NLP102436A/IS61NVP102436A
IS61NLP204818A/IS61NVP204818A
165-PIN PBGA PACKAGE CONFIGURATION
2M x 18 (TOP VIEW)
PIN DESCRIPTIONS
Symbol
Pin Name
A
Address Inputs
A0, A1
Synchronous Burst Address Inputs
ADV
Synchronous Burst Address Advance/
Load
WE
Synchronous Read/Write Control
Input
CLK
Synchronous Clock
CKE
Clock Enable
CE, CE2, CE2 Synchronous Chip Enable
BWx (x=a,b)
Synchronous Byte Write Inputs
OE
Output Enable
ZZ
Power Sleep Mode
123456789
10
11
A
A
BWb
CKE
BNC
A
WE
OE
CNC
NC
Vss
Vss
DNC
DQb
Vss
Vss
NC
ENC
DQb
Vss
Vss
Vss
F
NC
DQb
NC
GNC
DQb
NC
NC
HNC
NC
VDDQ
J
DQb
NC
DQa
K
DQb
NC
L
DQb
NC
Vss
M
DQb
NC
Vss
N
DQPb
NC
Vss
Vss
NC
PNC
NC
A1*NC
R
MODE
A
NC
CE2
Vss
Vss
Vss
Vss
Vss
Vss
Vss
Vss
NC
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
CE
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
NC
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
NC
BWa
Vss
Vss
Vss
Vss
Vss
Vss
Vss
Vss
NC
NC
NC
CE2
CLK
Vss
NC
A0*
NC
Vss
Vss
Vss
Vss
Vss
Vss
ADV
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
NC
NC
NC
DQa
DQa
DQa
NC
NC
NC
NC
NC
NC
NC
ZZ
DQa
DQa
DQa
DQa
DQPa
Note: A0 and A1 are the two least significant bits (LSB) of the address field and set the internal burst counter if burst is desired.
(Under Evaluation)
MODE
Burst Sequence Selection
VDD
3.3V/2.5V Power Supply
NC
No Connect
DQx
Data Inputs/Outputs
DQPx
Parity Data I/O
VDDQ
Isolated output Power Supply
3.3V/2.5V
VSS
Ground


Similar Part No. - IS61NVP204818A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVP204836B ISSI-IS61NVP204836B Datasheet
1Mb / 39P
   100 percent bus utilization
More results

Similar Description - IS61NVP204818A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
logo
GSI Technology
GS8673EQ18BGK-625IS GSI-GS8673EQ18BGK-625IS Datasheet
368Kb / 25P
   2Mb x 36 and 4Mb x 18 organizations available
logo
Integrated Silicon Solu...
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61VPS102436A ISSI-IS61VPS102436A Datasheet
281Kb / 21P
   1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com