Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61QDB42M36-300M3 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61QDB42M36-300M3
Description  72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 4) Synchronous SRAMs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDB42M36-300M3 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61QDB42M36-300M3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDB42M36-300M3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDB42M36-300M3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDB42M36-300M3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDB42M36-300M3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDB42M36-300M3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDB42M36-300M3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDB42M36-300M3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61QDB42M36-300M3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
Integrated Silicon Solution, Inc.
Rev. B
11/10/09
72 Mb (2M x 36 & 4M x 18)
QUAD (Burst of 4) Synchronous SRAMs
Application Example
SA
R W BW0 BW1 C C K K
D
Q
ZQ
SRAM #4
R=250
Vt
Data In
Data Out
Address
R
W
BW
Memory
Controller
Return CLK
Source CLK
Return CLK
Source CLK
SA
R W BW0 BW1 C C K K
D
Q
ZQ
SRAM #1
R=250
Vt
Vt
R
Vt
Vt
R=50
Ω Vt=VREF
R
SRAM1 Input CQ
SRAM1 Input CQ
SRAM4 Input CQ
SRAM4 Input CQ
CQ
CQ
CQ
CQ
Power-Up and Power-Down Sequences
The following sequence is used for power-up:
1. The power supply inputs must be applied in the following order while keeping Doff in LOW logic state:
1) VDD
2) VDDQ
3) VREF
2. Start applying stable clock inputs (K, K, C, and C).
3. After clock signals have stabilized, change Doff to HIGH logic state.
4. Once the Doff is switched to HIGH logic state, wait an additional 1024 clock cycles to lock the DLL.
NOTES:
1. The power-down sequence must be done in reverse of the power-up sequence.
2. VDDQ can be allowed to exceed VDD by no more than 0.6V.
3. VREF can be applied concurrently with VDDQ.


Similar Part No. - IS61QDB42M36-300M3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB42M36A ISSI-IS61QDB42M36A Datasheet
803Kb / 30P
   2Mx36 and 4Mx18 configuration available
More results

Similar Description - IS61QDB42M36-300M3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB22M36 ISSI-IS61QDB22M36 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDPB42M36 ISSI-IS61QDPB42M36 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61DDB42M36 ISSI-IS61DDB42M36 Datasheet
669Kb / 26P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61QDB41M36 ISSI-IS61QDB41M36 Datasheet
451Kb / 28P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61DDPB22M36 ISSI-IS61DDPB22M36 Datasheet
636Kb / 24P
   72 Mb (2M x 36 & 4M x 18) DDR-IIP (Burst of 2) CIO Synchronous SRAMs
IS61DDB22M36 ISSI-IS61DDB22M36 Datasheet
624Kb / 25P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61QDB22M18 ISSI-IS61QDB22M18 Datasheet
503Kb / 27P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61DDB42M18 ISSI-IS61DDB42M18 Datasheet
515Kb / 26P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61DDB22M18 ISSI-IS61DDB22M18 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
logo
GSI Technology
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com