Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS65C10248AL-55CTLA3 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS65C10248AL-55CTLA3
Description  1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS65C10248AL-55CTLA3 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS65C10248AL-55CTLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS65C10248AL-55CTLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS65C10248AL-55CTLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS65C10248AL-55CTLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS65C10248AL-55CTLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS65C10248AL-55CTLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS65C10248AL-55CTLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS65C10248AL-55CTLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS65C10248AL-55CTLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. 00A
09/25/09
IS62C10248AL
IS65C10248AL
Copyright © 2009 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no
liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on
any published information and before placing orders for products.
1M x 8 LOW VOLTAGE,
ULTRA LOW POWER CMOS STATIC RAM
FEATURES
• High-speedaccesstime:45ns,55ns
• CMOSlowpoweroperation
– 36 mW (typical) operating
–12µW(typical)CMOSstandby
• TTLcompatibleinterfacelevels
• Singlepowersupply
–4.5V--5.5VVdd
• Threestateoutputs
• Automotivetemperature(-40oC to +125oC)
• Lead-freeavailable
FUNCTIONAL BLOCK DIAGRAM
PRELIMINARY INFORMATION
OCTOBER 2009
DESCRIPTION
The
ISSI IS62C10248AL/IS65C10248AL arehigh-
speed, 8M bit static RAMs organized as 1M words by
8 bits. It is fabricated using
ISSI's high-performance
CMOStechnology.Thishighlyreliableprocesscoupled
with innovative circuit design techniques, yields high-
performance and low power consumption devices.
When CS1isHIGH(deselected)orwhenCS2isLOW
(deselected), the device assumes a standby mode at
which the power dissipation can be reduced down with
CMOSinputlevels.
Easy memory expansion is provided by using Chip Enable
andOutputEnableinputs.TheactiveLOWWriteEnable
(WE)
controls both writing and reading of the memory.
TheIS62C10248ALandIS65C10248ALarepackagedin
theJEDECstandard48-pinminiBGA(9mmx11mm)and
44-PinTSOP(TYPEII).
A0-A19
CS1
OE
WE
1M x 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
CS2


Similar Part No. - IS65C10248AL-55CTLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS65C1024AL ISSI-IS65C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
IS65C1024AL ETC2-IS65C1024AL Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS65C1024AL-45QA3 ISSI-IS65C1024AL-45QA3 Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS65C1024AL-45TA3 ISSI-IS65C1024AL-45TA3 Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - IS65C10248AL-55CTLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV10248BLL ISSI-IS62WV10248BLL Datasheet
79Kb / 12P
   1M x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
65WV2568DALL ISSI-65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Emerging Memory & Logic...
EM680FV8A EMLSI-EM680FV8A Datasheet
386Kb / 10P
   1M x 8 bit Low Power and Low Voltage Full CMOS Static RAM
EM681FV8A EMLSI-EM681FV8A Datasheet
347Kb / 9P
   1M x 8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com