Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64WV51216BLL Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS64WV51216BLL
Description  512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV51216BLL Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS64WV51216BLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV51216BLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV51216BLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV51216BLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV51216BLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS64WV51216BLL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS64WV51216BLL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS64WV51216BLL Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS64WV51216BLL Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev. F
10/01/09
IS61WV51216ALL
IS61WV51216BLL
IS64WV51216BLL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-20 ns
Symbol
Parameter
Min.
Max.
Unit
tRC
Read Cycle Time
20
ns
tAA
Address Access Time
20
ns
tOHA
Output Hold Time
2.5
ns
tACE
CE Access Time
20
ns
tDOE
OE Access Time
8
ns
tHZOE(2)
OE to High-Z Output
0
8
ns
tLZOE(2)
OE to Low-Z Output
0
ns
tHZCE(2
CE to High-Z Output
0
8
ns
tLZCE(2)
CE to Low-Z Output
3
ns
tBA
LB, UB Access Time
8
ns
tHZB
LB, UB to High-Z Output
0
8
ns
tLZB
LB, UB to Low-Z Output
0
ns
Notes:
1. Test conditions assume signal transition times of 1.5 ns or less, timing reference levels of 1.25V, input pulse levels of 0.4V to
VDD-0.3V and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.


Similar Part No. - IS64WV51216BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV51216EDBLL ISSI-IS64WV51216EDBLL Datasheet
921Kb / 19P
   TTL compatible inputs and outputs
More results

Similar Description - IS64WV51216BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51232ALL ISSI-IS61WV51232ALL Datasheet
177Kb / 19P
   512K x 32 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616 ICSI-IS61LV25616 Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com